Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA1516-0000-000N0B0A57E Datasheet(PDF) 5 Page - Cree, Inc

Part # CMA1516-0000-000N0B0A57E
Description  Cree XLamp CMA1516 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1516-0000-000N0B0A57E Datasheet(HTML) 5 Page - Cree, Inc

  CMA1516-0000-000N0B0A57E Datasheet HTML 1Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 2Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 3Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 4Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 5Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 6Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 7Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 8Page - Cree, Inc CMA1516-0000-000N0B0A57E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® Cma1516 LED
rELAtivE sPECtrAL PoWEr Distribution
The following graph is the result of a series of pulsed measurements at 450 mA and T
J = 85 °C.
ELECtriCAL ChArACtEristiCs
The following graph is the result of a series of steady-state measurements.
Relative Spectral Power Distribution - White, Hot Binned, Baby
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
3000 K, 80 CRI
31
32
33
34
35
36
37
38
39
40
100
200
300
400
500
600
700
800
900
1000
1100
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CMA1516-0000-000N0B0A57E

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMA1303 CREELED-CMA1303 Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A30E CREELED-CMA1303-0000-000C0B0A30E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A40E CREELED-CMA1303-0000-000C0B0A40E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A50E CREELED-CMA1303-0000-000C0B0A50E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
CMA1303-0000-000C0B0A57E CREELED-CMA1303-0000-000C0B0A57E Datasheet
3Mb / 30P
   XLamp® CMA1303 LED
REV 2
More results

Similar Description - CMA1516-0000-000N0B0A57E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1840 CREE-CMA1840 Datasheet
2Mb / 16P
   Cree XLamp CMA1840 LED
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com