Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMA1840-0000-000N0H0A35G Datasheet(PDF) 10 Page - Cree, Inc

Part # CMA1840-0000-000N0H0A35G
Description  Cree XLamp CMA1840 LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1840-0000-000N0H0A35G Datasheet(HTML) 10 Page - Cree, Inc

Back Button CMA1840-0000-000N0H0A35G Datasheet HTML 6Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 7Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 8Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 9Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 10Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 11Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 12Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 13Page - Cree, Inc CMA1840-0000-000N0H0A35G Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® Cma1840 LED
CrEE PrEMiuM CoLor bins PLottED on thE 1931 CiE CoLor sPACE (t
J = 85 °C)
Fidelity (2-step)
2700K
3000K
3500K
4000K
4500K
L5A
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle
35H
30H
27H


Similar Part No. - CMA1840-0000-000N0H0A35G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CMA1825-0000-000N0B0A30E CREE-CMA1825-0000-000N0B0A30E Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CMA1825-0000-000N0B0A40E CREE-CMA1825-0000-000N0B0A40E Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CMA1825-0000-000N0B0A50E CREE-CMA1825-0000-000N0B0A50E Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CMA1825-0000-000N0B0A57E CREE-CMA1825-0000-000N0B0A57E Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
More results

Similar Description - CMA1840-0000-000N0H0A35G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMA2550 CREE-CMA2550 Datasheet
2Mb / 16P
   Cree XLamp CMA2550 LED
CMA3090 CREE-CMA3090 Datasheet
2Mb / 22P
   Cree XLamp CMA3090 LED
CXA1512 CREE-CXA1512_13 Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
CMA1825 CREE-CMA1825 Datasheet
2Mb / 16P
   Cree XLamp CMA1825 LED
CXB1830 CREE-CXB1830 Datasheet
2Mb / 15P
   Cree XLamp CXB1830 LED
CMA1516 CREE-CMA1516 Datasheet
2Mb / 16P
   Cree XLamp CMA1516 LED
CXA2011 CREE-CXA2011_13 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com