Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLV1L-FKB-CJ1N1E1BB7B3B3
Description  Cree PLCC4 3 in 1 SMD LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet(HTML) 2 Page - Cree, Inc

  CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 1Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 2Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 3Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 4Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 5Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 6Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 7Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 8Page - Cree, Inc CLV1L-FKB-CJ1N1E1BB7B3B3 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC4 3 in 1 SMD LED
CLV1L-FKB
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
R
G
B
Forward Current Note 1
I
F
35
20
20
mA
Peak Forward Current Note 2
I
FP
200
100
100
mA
Reverse Voltage
V
R
5
5
5
V
Power Dissipation
P
D
91
80
80
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
110
110
°C
Junction/ambient 1 chip on
R
THJA
336
507
474
°C/W
Junction/solder point 1 chip on
R
THJS
138
322
298
°C/W
Note: 1.Single-color light.
2.Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Condition
Symbol
Values
Unit
R
G
B
Dominant Wavelength
I
F = 20 mA (R)
I
F = 15 mA (G)
I
F = 15 mA (B)
λ
DOM
619~624
520~535
460~475
nm
Spectral bandwidth at 50% I
REL max
I
F = 20 mA (R)
I
F = 15 mA (G)
I
F = 15 mA (B)
Δ λ
24
38
28
nm
Forward Voltage
I
F = 20 mA (R)
I
F = 15 mA (G)
I
F = 15 mA (B)
V
F(avg)
2.0
3.1
3.1
V
V
F(max)
2.6
4.0
4.0
V
Luminous Intensity
I
F = 20 mA (R)
I
F = 15 mA (G)
I
F = 15 mA (B)
I
V(min)
450
900
180
mcd
I
V(avg)
680
1250
235
mcd
Reverse Current (max)
V
R = 5 V
I
R
10
10
10
μA


Similar Part No. - CLV1L-FKB-CJ1N1E1BB7B3B3

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CLV1000A ZCOMM-CLV1000A Datasheet
164Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
CLV1000A-LF ZCOMM-CLV1000A-LF Datasheet
66Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
CLV1000A-LF ZCOMM-CLV1000A-LF Datasheet
86Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CLV1000A-LF ZCOMM-CLV1000A-LF Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CLV1000A-LF ZCOMM-CLV1000A-LF_14 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - CLV1L-FKB-CJ1N1E1BB7B3B3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW_16 Datasheet
842Kb / 11P
   Cree PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com