Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM1B-BKW Datasheet(PDF) 6 Page - Cree, Inc

Part # CLM1B-BKW
Description  Cree PLCC2 1 in 1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1B-BKW Datasheet(HTML) 6 Page - Cree, Inc

  CLM1B-BKW_17 Datasheet HTML 1Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 2Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 3Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 4Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 5Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 6Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 7Page - Cree, Inc CLM1B-BKW_17 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree PLCC2 1 in 1 SMD LED
CLM1B-BKW/GKW
MECHANICAL DIMENSIONS
All dimensions are in mm.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - CLM1B-BKW_17

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1B-BKW-CTaUb363 MARKTECH-CLM1B-BKW-CTaUb363 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM1B-BKW-CTbUb453 MARKTECH-CLM1B-BKW-CTbUb453 Datasheet
421Kb / 8P
   Cree짰 PLCC2 1-in-1 SMD LED
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
More results

Similar Description - CLM1B-BKW_17

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3C-RKW CREE-CLM3C-RKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3A-BKW CREE-CLM3A-BKW Datasheet
840Kb / 8P
   Cree PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com