Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39422-24 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39422-24
Description  SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39422-24 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39422-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39422-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39422-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39422-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Size
Length
24 in [609.6 mm]
Diameter
0.433 in [11 mm]
.
Cable
Cable Type
PE-SR405FL
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Connector 2
Type
MMCX Plug Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE39422-24 REV 1.1
PE39422-24
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch
Length Using PE-SR405FL Coax, RoHS PE39422-24
SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible
Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS


Similar Part No. - PE39422-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39422-12 PASTERNACK-PE39422-12 Datasheet
372Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39422-18 PASTERNACK-PE39422-18 Datasheet
373Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39422-6 PASTERNACK-PE39422-6 Datasheet
373Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39422-9 PASTERNACK-PE39422-9 Datasheet
372Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
More results

Similar Description - PE39422-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39422-6 PASTERNACK-PE39422-6 Datasheet
373Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39422-18 PASTERNACK-PE39422-18 Datasheet
373Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39422-12 PASTERNACK-PE39422-12 Datasheet
372Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39422 PASTERNACK-PE39422 Datasheet
372Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39478-24 PASTERNACK-PE39478-24 Datasheet
379Kb / 4P
   TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39450-24 PASTERNACK-PE39450-24 Datasheet
691Kb / 4P
   N Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39422-9 PASTERNACK-PE39422-9 Datasheet
372Kb / 4P
   SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PE39421-24 PASTERNACK-PE39421-24 Datasheet
374Kb / 4P
   SMA Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-24 PASTERNACK-PE39420-24 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39478-12 PASTERNACK-PE39478-12 Datasheet
378Kb / 4P
   TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com