Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE39420-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39420-6
Description  SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39420-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39420-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39420-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39420-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39420-6 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male Right Angle
• Connector 2: SMA Female Bulkhead
• Cable Type: PE-SR405FL
Features
• Dimensionally and electrically the same as standard,
solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require
special tools to bend
• May be formed more than once without damaging the
outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
.
Description
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly preformed
assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-rigid counterpart
and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable cable assemblies from
Pasternack do not require special tooling to shape or reshape the assemblies and can replace standard semi-rigid versions.
The assemblies are available with or without a FEP jacket and are RoHS compliant,
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
VSWR
1.35:1
Velocity of Propagation
69.5
%
Capacitance
29 [95.14]
pF/ft [pF/m]
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.5
1
2.5
5
10
GHz
Insertion Loss (Typ.)
0.256
0.313
0.373
0.475
0.606
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length
Using PE-SR405FL Coax, RoHS PE39420-6
PE39420-6 REV 1.2
SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible
Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE39420-6


Similar Part No. - PE39420-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39420-12 PASTERNACK-PE39420-12 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-18 PASTERNACK-PE39420-18 Datasheet
388Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-24 PASTERNACK-PE39420-24 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-9 PASTERNACK-PE39420-9 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
More results

Similar Description - PE39420-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39419-6 PASTERNACK-PE39419-6 Datasheet
385Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39418-6 PASTERNACK-PE39418-6 Datasheet
336Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FL Coax, RoHS
PE39420 PASTERNACK-PE39420 Datasheet
339Kb / 3P
   SMA Male Right Angle to SMA Female Bulkhead Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39420 PASTERNACK-PE39420_17 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39420-9 PASTERNACK-PE39420-9 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-12 PASTERNACK-PE39420-12 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-18 PASTERNACK-PE39420-18 Datasheet
388Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-24 PASTERNACK-PE39420-24 Datasheet
387Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
PE39419-12 PASTERNACK-PE39419-12 Datasheet
385Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR405FL Coax, RoHS
PE39419-24 PASTERNACK-PE39419-24 Datasheet
385Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 24 Inch Length Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com