Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1060ARU Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1060ARU
Description  Communications System Supervisory/Sequencing Circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1060ARU Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1060ARU Datasheet HTML 13Page - Analog Devices ADM1060ARU Datasheet HTML 14Page - Analog Devices ADM1060ARU Datasheet HTML 15Page - Analog Devices ADM1060ARU Datasheet HTML 16Page - Analog Devices ADM1060ARU Datasheet HTML 17Page - Analog Devices ADM1060ARU Datasheet HTML 18Page - Analog Devices ADM1060ARU Datasheet HTML 19Page - Analog Devices ADM1060ARU Datasheet HTML 20Page - Analog Devices ADM1060ARU Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
PROGRAMMING ADM1060
ADM1060
– 17 –
REV. PrJ 11/02
PRELIMINARY TECHNICAL DATA
PROGRAMMABLE LOGIC BLOCK ARRAY
The ADM1060 contains a Programmable Logic Block
Array (PLBA). This block is the logical core of the
device. The PLBA (and the PDBs- see next section) is
what provides the sequencing function of the ADM1060.
The assertion of the 9 Programmable Driver Outputs
(PDO) is controlled by the PLBA. The PLBA comprises
of 9 macrocells, 1 per PDO Channel. The main
components of the macrocells are 2 Wide AND- OR
gates, as shown in Figure 4. Each AND gate represents a
function (A and B) which can be used independently to
control the assertion of the PDO pin. There are 21 inputs
to each of these AND gates. These are:-
The logic outputs of all 7 of the Supply Fault Detectors
The 4 GPI logic inputs
The Watchdog fault detector (Latched and Pulsed)
The delayed output of any of the other macrocells (the
output of a macrocell cannot be an input to itself, since
this would result in a non- terminating loop).
All 21 inputs are hardwired to both function A and
function B AND gates. The user can then select which of
these inputs controls the output. This is done using 2
control signals, IMK (a masking bit, setting it ignores the
relevant input) and POL (a polarity bit, setting it inverts
the input before it is applied to the AND gate). The effect
of setting these bits can be seen in figure 4 below. The
inverting gate shown is an X-OR gate, resulting in the
following truth table:-
POL
INPUT SIGNAL
X-OR OUTPUT
00
0
01
1
10
1
11
0
Table 25. Truth Table for PLB Input Inversion
The last 2 entries in the truth table show, that with the
INVERT bit set, the X-OR output is always the inverse of
the input.
Similarly, the ignore gate shown is an OR gate, resulting
in the following truth table:-
IMK
INPUT SIGNAL
OR OUTPUT
00
0
01
1
10
1
11
1
Table 26 Truth Table for PLB Input Masking
It can be seen here that once the IMK bit is set the OR
output is always 1, regardless of the input, thus ignoring
it. Overleaf is a detailed diagram of the 21 inputs and the
registers required to program them. Those shown are just
for function A of PLB1 but function B and all of the
functions in the other 8 PLB’s are programmed exactly the
same way. An Enable register allows the user to use
function A or B or both. The output of functions A and/
or B is inputted to a Programmable Delay Block (PDB)
where a delay can be programmed on both the rising and
falling edge of an input (see next section). The output of
this PDB block can be progammed to invert before one or
any of the PDO pins is asserted.
The control bits for these macrocells are stored locally in
latches which are loaded at power up. These latches can
also be updated via the serial interface. The registers
containing the macrocell control bits, and the function of
each bit are defined in the tables overleaf.
Figure 4. Simplified Programmable Logic Block Macrocell Schematic
SIGNAL INPUTS
IMK ( IGNORE)
POL (INVERT)
ENABLE
FUNCTION A
ENABLE
FUNCTION B
PROGRAMMABLE
DELAY
BLOCK
PLBOUT
INVERT
OUTPUT
2 wide AND gates
(20 inputs)


Similar Part No. - ADM1060ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
More results

Similar Description - ADM1060ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
logo
Maxim Integrated Produc...
MAX16052 MAXIM-MAX16052 Datasheet
153Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 1; 10/08
MAX6895AAZTT MAXIM-MAX6895AAZTT Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
MAX16052 MAXIM-MAX16052_10 Datasheet
180Kb / 12P
   High-Voltage, Adjustable Sequencing/Supervisory Circuits
Rev 2; 1/10
MAX6895 MAXIM-MAX6895_10 Datasheet
271Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 7; 7/10
MAX6895 MAXIM-MAX6895 Datasheet
354Kb / 18P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 5; 10/07
MAX6342SUT MAXIM-MAX6342SUT Datasheet
554Kb / 8P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 2; 12/05
MAX6895 MAXIM-MAX6895_09 Datasheet
535Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 6; 11/09
MAX6895 MAXIM-MAX6895_11 Datasheet
281Kb / 15P
   Ultra-Small, Adjustable Sequencing/Supervisory Circuits
Rev 8; 7/11
logo
ON Semiconductor
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com