Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC20318CU1S Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # CMC20318CU1S
Description  Ultra Performance MEMS Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC20318CU1S Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  CMC20318CU1S Datasheet HTML 1Page - Raltron Electronics Corporation CMC20318CU1S Datasheet HTML 2Page - Raltron Electronics Corporation CMC20318CU1S Datasheet HTML 3Page - Raltron Electronics Corporation CMC20318CU1S Datasheet HTML 4Page - Raltron Electronics Corporation CMC20318CU1S Datasheet HTML 5Page - Raltron Electronics Corporation CMC20318CU1S Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ultra Performance
MEMS Oscillator Page 3 of 6
CMC203-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Table 3. Rise/Fall Time vs. CLoad ( CL ), Vs=2.8V
Table 4. Rise/Fall Time vs. CLoad ( CL ), Vs=3.3V
CL
5pF
15pF
30pF
45pF
60pF
Drive
Strength
@10%
to 90%
(ns)
typ.
D0
0.29
0.54
1.13
1.55
2.13
D1
0.30
0.56
1.22
1.63
2.22
D2
0.30
0.57
1.31
1.72
2.30
D3
0.31
0.60
1.39
1.80
2.43
D4
0.32
0.63
1.46
1.89
2.57
D5
0.33
0.67
1.54
2.00
2.75
D6
0.35
0.78
1.63
2.15
2.92
D7
0.37
0.96
1.72
2.33
3.15
D8,
default
0.41
1.08
1.84
2.52
3.36
D9
0.62
1.19
1.99
2.76
3.68
D10
0.87
1.29
2.21
3.03
4.05
D11
0.90
1.38
2.48
3.40
4.50
D12
0.94
1.51
2.78
3.84
5.06
D13
1.00
1.79
3.20
4.43
5.77
D14
1.19
2.14
3.76
5.21
6.72
D15
1.59
2.57
4.54
6.27
8.07
D16
2.00
3.25
5.66
7.84
10.11
D17
2.68
4.40
7.53
10.29
13.37
D18
4.06
6.66
11.04
15.31
19.80
D19
7.93
12.69
17.94
30.10
38.89
CL
5pF
15pF
30pF
45pF
60pF
Drive
Strength
@10%
to 90%
(ns)
typ.
D0
0.29
0.52
0.95
1.41
1.90
D1
0.30
0.54
1.02
1.47
1.97
D2
0.30
0.55
1.12
1.54
2.07
D3
0.30
0.56
1.22
1.62
2.17
D4
0.32
0.58
1.31
1.69
2.28
D5
0.32
0.60
1.40
1.79
2.43
D6
0.33
0.63
1.48
1.89
2.61
D7
0.34
0.70
1.56
2.04
2.80
D8
0.36
0.87
1.66
2.23
3.03
D9
0.38
1.04
1.77
2.47
3.31
D10,
default
0.48
1.15
1.95
2.72
3.65
D11
0.86
1.25
2.21
3.03
4.07
D12
0.90
1.36
2.50
3.46
4.58
D13
0.94
1.51
2.86
3.97
5.25
D14
1.01
1.91
3.38
4.69
6.14
D15
1.43
2.26
4.09
5.66
7.34
D16
1.65
2.92
5.12
7.10
9.17
D17
2.31
3.95
6.88
9.42
12.24
D18
3.61
6.02
10.19
13.98
18.10
D19
7.18
11.59
17.24
27.57
35.57


Similar Part No. - CMC20318CU1S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC2030AU1E RALTRON-CMC2030AU1E Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2030AU1N RALTRON-CMC2030AU1N Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2030AU1S RALTRON-CMC2030AU1S Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2030AU2E RALTRON-CMC2030AU2E Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2030AU2N RALTRON-CMC2030AU2N Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
More results

Similar Description - CMC20318CU1S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC12X1 MICROCHIP-DSC12X1 Datasheet
538Kb / 30P
   High Performance CMOS MEMS Oscillator
08/15/18
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
DSC61XXB MICROCHIP-DSC61XXB Datasheet
330Kb / 24P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC61XX MICROCHIP-DSC61XX Datasheet
307Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
logo
SiTime Corp.
SIT8208 SITIME-SIT8208 Datasheet
755Kb / 15P
   Ultra Performance Oscillator
logo
MMD Components
IM810B MMD-IM810B Datasheet
521Kb / 8P
   MEMS Oscillator, Ultra Performance, LVCMOS/HCMOS Compatible, 1.00 MHz to 80.00 MHz
logo
Jauch Quartz Gmbh
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
   MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
   MEMS-Oscillator
logo
Transko Electronics, In...
TMM TRANSKO-TMM Datasheet
981Kb / 7P
   MEMS OSCILLATOR
Rev 3: 06-27-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com