Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC30XXBVD1N Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # CMC30XXBVD1N
Description  Low Power Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC30XXBVD1N Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  CMC30XXBVD1N Datasheet HTML 1Page - Raltron Electronics Corporation CMC30XXBVD1N Datasheet HTML 2Page - Raltron Electronics Corporation CMC30XXBVD1N Datasheet HTML 3Page - Raltron Electronics Corporation CMC30XXBVD1N Datasheet HTML 4Page - Raltron Electronics Corporation CMC30XXBVD1N Datasheet HTML 5Page - Raltron Electronics Corporation CMC30XXBVD1N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MEMS Programmable
Oscillator
Page 3 of 6
CMC301-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Table 3. Rise/Fall Time vs. CLoad ( CL ), Vs=2.8V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.29
0.81
1.48
2.29
2.99
D1
0.34
0.88
1.64
2.52
3.30
D2, default
0.44
1.00
1.83
2.82
3.67
D3
0.55
1.12
2.08
3.22
4.08
D4
0.97
2.00
3.54
5.43
6.93
D5
1.29
2.57
4.72
7.01
9.06
D6
1.94
3.90
7.03
10.24
13.34
D7
3.77
7.54
12.28
19.57
25.27
Table 4. Rise/Fall Time vs. CLoad ( CL ), Vs=3.0V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.27
0.76
1.39
2.16
2.85
D1
0.30
0.83
1.55
2.40
3.13
D2
0.38
0.92
1.72
2.71
3.51
D3, default
0.51
1.00
1.97
3.07
3.90
D4
0.89
1.92
3.39
5.20
6.64
D5
1.22
2.46
4.54
6.76
8.62
D6
1.84
3.71
6.72
9.86
12.68
D7
3.60
7.21
11.97
18.74
24.30
Table 5. Rise/Fall Time vs. CLoad ( CL ), Vs=3.3V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.25
0.72
1.31
1.83
2.61
D1
0.28
0.79
1.46
2.05
2.93
D2
0.33
0.87
1.64
2.30
3.35
D3, default
0.46
1.00
1.86
2.60
3.84
D4
0.81
1.82
3.22
4.52
6.33
D5
1.16
2.33
4.29
6.04
8.34
D6
1.74
3.50
6.38
8.98
12.19
D7
3.39
6.88
11.63
17.56
23.59


Similar Part No. - CMC30XXBVD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC303 RALTRON-CMC303 Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC30318AUD115E RALTRON-CMC30318AUD115E Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC30318AUD115S RALTRON-CMC30318AUD115S Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC30318AUD11E RALTRON-CMC30318AUD11E Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
More results

Similar Description - CMC30XXBVD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC501 RALTRON-CMC501 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC251 RALTRON-CMC251 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com