Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC501XXAVD1N Datasheet(PDF) 5 Page - Raltron Electronics Corporation

Part # CMC501XXAVD1N
Description  Low Power Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC501XXAVD1N Datasheet(HTML) 5 Page - Raltron Electronics Corporation

  CMC501XXAVD1N Datasheet HTML 1Page - Raltron Electronics Corporation CMC501XXAVD1N Datasheet HTML 2Page - Raltron Electronics Corporation CMC501XXAVD1N Datasheet HTML 3Page - Raltron Electronics Corporation CMC501XXAVD1N Datasheet HTML 4Page - Raltron Electronics Corporation CMC501XXAVD1N Datasheet HTML 5Page - Raltron Electronics Corporation CMC501XXAVD1N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MEMS Programmable
Oscillator
Page 5 of 6
CMC501-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
REFLOW PROFILE
Recommended Solder Reflow Profile
Temperature Min Preheat
TSMIN
150°C
Temperature Max Preheat
TSMAX
200°C
Time (TSMIN to TSMAX)
tS
60-180 sec.
Temperature
TL
217°C
Peak Temperature
TP
260°C
Ramp-up rate
RUP
3°C/sec max.
Ramp-down rate
RDOWN
6°C/sec max.
Time within 5°C of Peak Temperature
tP
10 sec
Time t[25°C] to Peak Temperature
t[25°C] to Peak
480 sec.
Time
tL
60-150 sec.
Soldering
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL 1 at 260°C
Temperature Cycle
JESD22, Method A104
Vibration
MIL-STD-883F, Method 2007
Mechanical Shock
MIL-STD-883F, Method 2002
Storage Temperature
-65° ……. +150°C
Temp.
[°C]
Time [sec]
TP
TL
TSMAX
TSMIN
Ramp-up
Ramp-down
Critical Zone
TL to TP
t[25°C] to Peak
tS Preheat
tL
tP
REFLOW PROFILE
ENVIRONMENTAL


Similar Part No. - CMC501XXAVD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC50218AUD0E RALTRON-CMC50218AUD0E Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC50218AUD0E RALTRON-CMC50218AUD0E Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50218AUD0N RALTRON-CMC50218AUD0N Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50218AUD0S RALTRON-CMC50218AUD0S Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
More results

Similar Description - CMC501XXAVD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC301 RALTRON-CMC301 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC251 RALTRON-CMC251 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com