Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC70233CUD1N Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CMC70233CUD1N
Description  Low Power Consumption of 3.5mA typical at 1.8V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC70233CUD1N Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CMC70233CUD1N Datasheet HTML 1Page - Raltron Electronics Corporation CMC70233CUD1N Datasheet HTML 2Page - Raltron Electronics Corporation CMC70233CUD1N Datasheet HTML 3Page - Raltron Electronics Corporation CMC70233CUD1N Datasheet HTML 4Page - Raltron Electronics Corporation CMC70233CUD1N Datasheet HTML 5Page - Raltron Electronics Corporation CMC70233CUD1N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MEMS Standard
Frequency Oscillator
Page 1 of 6
CMC702-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
■ Low Power Consumption of 3.5mA typical at 1.8V
■ 52 Standard frequencies between 3.57MHz and 77.760 MHz
■ HCMOS/ LVCMOS compatible output
■ SMD package 7.0 x 5.0 mm
PARAMETER
SYMBOL
CONDITION
VALUE
UNIT
Min.
Typ.
Max.
Frequency Range
f0
52 standard frequencies between
3.57MHz and 77.760MHz
3.57
77.760
MHz
Supply Voltage
Vs
Vs ±5%
1.8
3.3
V
Supply Current
Is
Vs = 1.8V,
f0=20MHz, no load
Vs = 2.5V,
f0=20MHz, no load
Vs = 2.8V,
f0=20MHz, no load
Vs = 3.3V,
f0=20MHz, no load
3.5
3.7
3.8
3.8
4.1
4.2
4.5
4.5
mA
mA
mA
mA
Operating Temperature
Ta
-20
-40
+70
+85
C
°C
Frequency Stability
Δf/f0
Including First Year aging, initial
frequency tolerance at 25°C,
Frequency stability over
temperature range, supply variation,
load variation
-20
-25
-50
+20
+25
+50
ppm
ppm
ppm
Enable / Disable/ Standby Function
E/D/St
Enable = Open or“1”(VIH≥0.75Vs)
( output signal active )
Disable = GND or “0”(VIL<0.25Vs )
( output high impedance, oscillator
operates )
Standby = GND or “0” VIL<0.25Vs )
( output weakly pulled down,
oscillator sleep mode )
0.75Vs
0.25Vs
0.25Vs
V
V
V
Enable / Disable Time
T E/D
f0=110MHz
130
ms
Enable / Disable Current
I E/D
Vs=1.8V, E/D =GND
Vs=2.5V to 3.3V, E/D =GND
Output in high impedance state
4.0
4.2
mA
mA
Standby Current
Istby
STBY=GND,Vs=1.8V
STBY=GND,Vs=2.5V
STBY=GND,Vs=2.8V to 3.3V
Output is weakly pulled down
0.2
1.1
2.1
1.3
2.5
4.3



Startup Time
T ST
5
ms
RMS Phase Jitter
J PH
f0=75MHz,BW 900KHz to 7.5MHz
f0=75MHz,BW 12KHz to 20MHz
0.5
1.3
0.9
2.0
ps
ps
RMS Period Jitter
J P
f0=75MHz
1.8
3
ps
Peak to Peak Period Jitter
J PK-PK
f0=75MHz,Vs=2.5 to 3.3V
f0=75MHz, Vs=1.8V
12
14
25
30
ps
ps
ELECTRICAL SPECIFICATIONS


Similar Part No. - CMC70233CUD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AU15PFE RALTRON-CMC70418AU15PFE Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AU15PFS RALTRON-CMC70418AU15PFS Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AV15PFE RALTRON-CMC70418AV15PFE Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
More results

Similar Description - CMC70233CUD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
ML61 MINILOGIC-ML61_09 Datasheet
499Kb / 13P
   Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G Datasheet
560Kb / 4P
   1.8V Oscillator with Low Power Consumption
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
   Miniature 1.8V Low Current Consumption Oscillator
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
   53mW typical power consumption in PLL mode
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
   55mW typical power consumption in PLL mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com