Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC70228CUD1N Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # CMC70228CUD1N
Description  Low Power Consumption of 3.5mA typical at 1.8V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC70228CUD1N Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  CMC70228CUD1N Datasheet HTML 1Page - Raltron Electronics Corporation CMC70228CUD1N Datasheet HTML 2Page - Raltron Electronics Corporation CMC70228CUD1N Datasheet HTML 3Page - Raltron Electronics Corporation CMC70228CUD1N Datasheet HTML 4Page - Raltron Electronics Corporation CMC70228CUD1N Datasheet HTML 5Page - Raltron Electronics Corporation CMC70228CUD1N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MEMS Standard
Frequency Oscillator Page 2 of 6
CMC702-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
PARAMETER
SYMBOL
CONDITION
VALUE
Min
Typ.
Max
UNIT
Output Levels
VOH
Ioh= -2 mA ( Vs=1.8V )
Ioh= -3 mA ( Vs= 2.5V or 2.8V )
Ioh= -4 mA ( Vs=3.0V or 3.3V )
0.9 Vs
V
VOL
Iol=2 mA ( Vs=1.8V )
Iol=3 mA ( Vs= 2.5V or 2.8V )
Iol=4 mA ( Vs=3.0V or 3.3V )
0.1Vs
V
Duty Cycle
DC
50% Output level
45
55
%
Output Load
OCL
Ta=25 °C
15
60
pF
Table 1. Rise/Fall Time vs. CLoad ( CL ), Vs=1.8V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0, default
0.65
1.30
2.40
3.35
4.56
D1
0.70
1.48
2.64
3.68
5.09
D2
0.78
1.66
2.94
4.09
5.74
D3
0.93
1.91
3.32
4.66
6.48
D4
1.65
3.23
5.79
8.18
11.08
D5
2.11
4.31
7.65
10.77
14.47
D6
3.19
6.35
11.00
16.01
21.52
D7
6.16
11.61
22.00
31.27
39.91
Table 2. Rise/Fall Time vs. CLoad ( CL ), Vs=2.5V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.34
0.88
1.64
2.54
3.32
D1
0.43
0.96
1.81
2.79
3.65
D2, default
0.54
1.00
2.01
3.10
4.01
D3
0.62
1.28
2.27
3.51
4.45
D4
1.09
2.20
3.88
5.86
7.57
D5
1.45
2.81
5.16
7.65
9.88
D6
2.11
4.27
7.64
11.20
14.49
D7
4.13
8.25
12.82
21.45
27.79
OUTPUT CHARACTERISTICS


Similar Part No. - CMC70228CUD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AU15PFE RALTRON-CMC70418AU15PFE Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AU15PFS RALTRON-CMC70418AU15PFS Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AV15PFE RALTRON-CMC70418AV15PFE Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
More results

Similar Description - CMC70228CUD1N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
ML61 MINILOGIC-ML61_09 Datasheet
499Kb / 13P
   Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G Datasheet
560Kb / 4P
   1.8V Oscillator with Low Power Consumption
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
   Miniature 1.8V Low Current Consumption Oscillator
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
   53mW typical power consumption in PLL mode
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
   55mW typical power consumption in PLL mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com