Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7787BRM Datasheet(PDF) 8 Page - Analog Devices

Part # AD7787BRM
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787BRM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7787BRM Datasheet HTML 4Page - Analog Devices AD7787BRM Datasheet HTML 5Page - Analog Devices AD7787BRM Datasheet HTML 6Page - Analog Devices AD7787BRM Datasheet HTML 7Page - Analog Devices AD7787BRM Datasheet HTML 8Page - Analog Devices AD7787BRM Datasheet HTML 9Page - Analog Devices AD7787BRM Datasheet HTML 10Page - Analog Devices AD7787BRM Datasheet HTML 11Page - Analog Devices AD7787BRM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7787
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD7787
TOP VIEW
(Not to Scale)
SCLK
1
CS
2
AIN1(+)
3
AIN1(–)
4
REFIN
5
DIN
DOUT/RDY
VDD
GND
AIN2
10
9
8
7
6
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Function
1
SCLK
Serial Clock Input for Data Transfers to and from the ADC. The SCLK has a Schmitt-triggered input, making the
interface suitable for opto-isolated applications. The serial clock can be continuous with all data transmitted in a
continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information being transmitted to or
from the ADC in smaller batches of data.
2
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in systems
with more than one device on the serial bus or as a frame synchronization signal in communicating with the device.
CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and DOUT used to interface
with the device.
3
AIN1(+)
Analog Input. AIN1(+) is the positive terminal of the differential analog input pair AIN1(+)/AIN1(−).
4
AIN1(–)
Analog Input. AIN1(−) is the negative terminal of the differential analog input pair AIN1(+)/AIN1(−).
5
REFIN
Reference Input. REFIN can be anywhere between VDD and GND + 0.1 V. The nominal reference voltage is 2.5 V, but
the part functions with a reference from 0.1 V to VDD.
6
AIN2
Analog Input. AIN2 is a single-ended analog input.
7
GND
Ground Reference Point.
8
VDD
Supply Voltage, 2.5 V to 5.25 V.
9
DOUT/RDY
Serial Data Output/Data Ready Output. DOUT/RDY serves a dual purpose. It functions as a serial data output pin to
access the output shift register of the ADC. The output shift register can contain data from any of the on-chip data or
control registers. In addition, DOUT/RDY operates as a data ready pin, going low to indicate the completion of a
conversion. If the data is not read after the conversion, the pin will go high before the next update occurs.
The DOUT/RDY falling edge can be used as an interrupt to a processor, indicating that valid data is available. With an
external serial clock, the data can be read using the DOUT/RDY pin. With CS low, the data/control word information is
placed on the DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge.
The end of a conversion is also indicated by the RDY bit in the status register. When CS is high, the DOUT/RDY pin is
three-stated, but the RDY bit remains active.
10
DIN
Serial Data Input to the Input Shift Register on the ADC. Data in this shift register is transferred to the control registers
within the ADC; the register selection bits of the communications register identifying the appropriate register.


Similar Part No. - AD7787BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787BRM AD-AD7787BRM Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787BRM AD-AD7787BRM Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRM-REEL AD-AD7787BRM-REEL Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787BRM-REEL AD-AD7787BRM-REEL Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRMZ AD-AD7787BRMZ Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results

Similar Description - AD7787BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com