Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7787 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7787
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7787 Datasheet HTML 8Page - Analog Devices AD7787 Datasheet HTML 9Page - Analog Devices AD7787 Datasheet HTML 10Page - Analog Devices AD7787 Datasheet HTML 11Page - Analog Devices AD7787 Datasheet HTML 12Page - Analog Devices AD7787 Datasheet HTML 13Page - Analog Devices AD7787 Datasheet HTML 14Page - Analog Devices AD7787 Datasheet HTML 15Page - Analog Devices AD7787 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7787
Rev. 0 | Page 12 of 20
MODE REGISTER (RS1, RS0 = 0, 1; POWER-ON/RESET = 0×02)
The mode register is an 8-bit register from which data can be read or to which data can be written. This register is used to configure the
ADC for unipolar or bipolar mode, to enable or disable the buffer, or to place the device into power-down mode. Table 9 outlines the bit
designations for the mode register. MR0 through MR7 indicate the bit locations, MR denoting the bits are in the mode register. MR7
denotes the first bit of the data stream. The number in the parenthesis indicates the power-on/reset default status of that bit. Any write to
the setup register resets the modulator and filter and sets the RDY bit.
MR7
MR6
MR5
MR4
MR3
MR2
MR1
MR0
MD1 (0)
MD0 (0)
0 (0)
0 (0)
BO (0)
U/B (0)
BUF (1)
0 (0)
Table 9. Mode Register Bit Designations
Bit
Location
Bit
Name
Description
MR7 to
MR6
MD1 to
MD0
Mode Select Bits. These bits select between continuous conversion mode, single conversion mode, and standby
mode. In continuous conversion mode, the ADC continuously performs conversions and places the result in the
data register. RDY goes low when a conversion is complete. The user can read these conversions by placing the
device in continuous read mode whereby the conversions are automatically placed on the DOUT line when SCLK
pulses are applied. Alternatively, the user can instruct the ADC to output the conversion by writing to the
communications register. After power-on, the first conversion is available after a period 2/fADC while subsequent
conversions are available at a frequency of fADC. In single conversion mode, the ADC is placed in power-down mode
when conversions are not being performed. When single conversion mode is selected, the ADC powers up and
performs a single conversion, which occurs after a period 2/fADC. The conversion result is placed in the data register,
RDY goes low, and the ADC returns to power-down mode. The conversion remains in the data register and RDY
remains active (low) until the data is read or another conversion is performed (see Table 10).
MR5 to
MR4
0
These bits must be programmed with a Logic 0 for correct operation.
MR3
BO
Burnout Current Enable Bit. When this bit is set to 1 by the user, the 100 nA current sources in the signal path are
enabled. When BO = 0, the burnout currents are disabled. The burnout currents can be enabled only when the
buffer is active.
MR2
U/B
Unipolar/Bipolar Bit. Set by user to enable unipolar coding, i.e., zero differential input results in 0x000000 output
and a full-scale differential input results in 0xFFFFFF output. Cleared by the user to enable bipolar coding. Negative
full-scale differential input results in an output code of 0x000000, zero differential input results in an output code of
0x800000, and a positive full-scale differential input will result in an output code of 0xFFFFFF.
MR1
BUF
Configures the AD7787 for buffered or unbuffered mode of operation. If cleared, the ADC operates in unbuffered
mode, lowering the power consumption of the device. If set, the device operates in buffered mode, allowing the
user to place source impedances on the front end without contributing gain errors to the system.
MR0
0
This bit must be programmed with a Logic 0 for correct operation.
Table 10. Operating Modes
MD1
MD0
Mode
0
0
Continuous Conversion Mode (Default)
0
1
Reserved
1
0
Single Conversion Mode
1
1
Power-Down Mode


Similar Part No. - AD7787

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787 AD-AD7787 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRM AD-AD7787BRM Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787BRM AD-AD7787BRM Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7787BRM-REEL AD-AD7787BRM-REEL Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787BRM-REEL AD-AD7787BRM-REEL Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
More results

Similar Description - AD7787

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787_17 Datasheet
362Kb / 21P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
AD7791 AD-AD7791_17 Datasheet
525Kb / 21P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
logo
Analog Devices
AD7791 AD-AD7791 Datasheet
308Kb / 20P
   Low Power, Buffered 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com