Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC25325AUD2S Datasheet(PDF) 5 Page - Raltron Electronics Corporation

Part # CMC25325AUD2S
Description  Ultra low phase jitter: 0.5ps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC25325AUD2S Datasheet(HTML) 5 Page - Raltron Electronics Corporation

  CMC25325AUD2S Datasheet HTML 1Page - Raltron Electronics Corporation CMC25325AUD2S Datasheet HTML 2Page - Raltron Electronics Corporation CMC25325AUD2S Datasheet HTML 3Page - Raltron Electronics Corporation CMC25325AUD2S Datasheet HTML 4Page - Raltron Electronics Corporation CMC25325AUD2S Datasheet HTML 5Page - Raltron Electronics Corporation CMC25325AUD2S Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ultra Performance
MEMS Oscillator Page 5 of 6
CMC253-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
REFLOW PROFILE
Recommended Solder Reflow Profile
Temperature Min Preheat
TSMIN
150°C
Temperature Max Preheat
TSMAX
200°C
Time (TSMIN to TSMAX)
tS
60-180 sec.
Temperature
TL
217°C
Peak Temperature
TP
260°C
Ramp-up rate
RUP
3°C/sec max.
Ramp-down rate
RDOWN
6°C/sec max.
Time within 5°C of Peak Temperature
tP
10 sec
Time t[25°C] to Peak Temperature
t[25°C] to Peak
480 sec.
Time
tL
60-150 sec.
Soldering
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL 1 at 260°C
Temperature Cycle
JESD22, Method A104
Vibration
MIL-STD-883F, Method 2007
Mechanical Shock
MIL-STD-883F, Method 2002
Storage Temperature
-65° ……. +150°C
Temp.
[°C]
Time [sec]
TP
TL
TSMAX
TSMIN
Ramp-up
Ramp-down
Critical Zone
TL to TP
t[25°C] to Peak
tS Preheat
tL
tP
REFLOW PROFILE
ENVIRONMENTAL


Similar Part No. - CMC25325AUD2S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC2530AUD1E RALTRON-CMC2530AUD1E Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD1N RALTRON-CMC2530AUD1N Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD1S RALTRON-CMC2530AUD1S Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD2E RALTRON-CMC2530AUD2E Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD2N RALTRON-CMC2530AUD2N Datasheet
718Kb / 6P
   Low Power Oscillator
More results

Similar Description - CMC25325AUD2S

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC254 RALTRON-CMC254 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC304 RALTRON-CMC304 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC503 RALTRON-CMC503 Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC303 RALTRON-CMC303 Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com