Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC702XXAVD0N Datasheet(PDF) 5 Page - Raltron Electronics Corporation

Part # CMC702XXAVD0N
Description  Low Power Consumption of 3.5mA typical at 1.8V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC702XXAVD0N Datasheet(HTML) 5 Page - Raltron Electronics Corporation

  CMC702XXAVD0N Datasheet HTML 1Page - Raltron Electronics Corporation CMC702XXAVD0N Datasheet HTML 2Page - Raltron Electronics Corporation CMC702XXAVD0N Datasheet HTML 3Page - Raltron Electronics Corporation CMC702XXAVD0N Datasheet HTML 4Page - Raltron Electronics Corporation CMC702XXAVD0N Datasheet HTML 5Page - Raltron Electronics Corporation CMC702XXAVD0N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MEMS Standard
Frequency Oscillator Page 5 of 6
CMC702-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
REFLOW PROFILE
Recommended Solder Reflow Profile
Temperature Min Preheat
TSMIN
150°C
Temperature Max Preheat
TSMAX
200°C
Time (TSMIN to TSMAX)
tS
60-180 sec.
Temperature
TL
217°C
Peak Temperature
TP
260°C
Ramp-up rate
RUP
3°C/sec max.
Ramp-down rate
RDOWN
6°C/sec max.
Time within 5°C of Peak Temperature
tP
10 sec.
Time t[25°C] to Peak Temperature
t[25°C] to Peak
480 sec.
Time
tL
60-150 sec.
Soldering
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL 1 at 260°C
Temperature Cycle
JESD22, Method A104
Vibration
MIL-STD-883F, Method 2007
Mechanical Shock
MIL-STD-883F, Method 2002
Storage Temperature
-65° ……. +150°C
Temp.
[°C]
Time [sec]
TP
TL
TSMAX
TSMIN
Ramp-up
Ramp-down
Critical Zone
TL to TP
t[25°C] to Peak
tS Preheat
tL
tP
REFLOW PROFILE
ENVIRONMENTAL


Similar Part No. - CMC702XXAVD0N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AU15PFE RALTRON-CMC70418AU15PFE Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AU15PFS RALTRON-CMC70418AU15PFS Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC70418AV15PFE RALTRON-CMC70418AV15PFE Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
More results

Similar Description - CMC702XXAVD0N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
logo
Minilogic Device Corpor...
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
   Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
ML61 MINILOGIC-ML61_09 Datasheet
499Kb / 13P
   Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G Datasheet
560Kb / 4P
   1.8V Oscillator with Low Power Consumption
GXO-5301G GOLLEDGE-GXO-5301G Datasheet
597Kb / 5P
   Miniature 1.8V Low Current Consumption Oscillator
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
   53mW typical power consumption in PLL mode
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
   55mW typical power consumption in PLL mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com