Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC2025AU2N Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # CMC2025AU2N
Description  MEMS Programmable Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC2025AU2N Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  CMC2025AU2N Datasheet HTML 1Page - Raltron Electronics Corporation CMC2025AU2N Datasheet HTML 2Page - Raltron Electronics Corporation CMC2025AU2N Datasheet HTML 3Page - Raltron Electronics Corporation CMC2025AU2N Datasheet HTML 4Page - Raltron Electronics Corporation CMC2025AU2N Datasheet HTML 5Page - Raltron Electronics Corporation CMC2025AU2N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MEMS Programmable
Oscillator
Page 2 of 6
CMC201-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
PARAMETER
SYMBOL
CONDITION
VALUE
Min
Typ.
Max
UNIT
Output Levels
VOH
Ioh= -2 mA ( Vs=1.8V )
Ioh= -3 mA ( Vs= 2.5V or 2.8V )
Ioh= -4 mA ( Vs=3.0V or 3.3V )
0.9 Vs
V
VOL
Iol=2 mA ( Vs=1.8V )
Iol=3 mA ( Vs= 2.5V or 2.8V )
Iol=4 mA ( Vs=3.0V or 3.3V )
0.1Vs
V
Duty Cycle
DC
50% Output level
45
55
%
Output Load
OCL
Ta=25 °C
15
60
pF
Table 1. Rise/Fall Time vs. CLoad ( CL ), Vs=1.8V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0, default
0.65
1.30
2.40
3.35
4.56
D1
0.70
1.48
2.64
3.68
5.09
D2
0.78
1.66
2.94
4.09
5.74
D3
0.93
1.91
3.32
4.66
6.48
D4
1.65
3.23
5.79
8.18
11.08
D5
2.11
4.31
7.65
10.77
14.47
D6
3.19
6.35
11.00
16.01
21.52
D7
6.16
11.61
22.00
31.27
39.91
Table 2. Rise/Fall Time vs. CLoad ( CL ), Vs=2.5V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.34
0.88
1.64
2.54
3.32
D1
0.43
0.96
1.81
2.79
3.65
D2, default
0.54
1.00
2.01
3.10
4.01
D3
0.62
1.28
2.27
3.51
4.45
D4
1.09
2.20
3.88
5.86
7.57
D5
1.45
2.81
5.16
7.65
9.88
D6
2.11
4.27
7.64
11.20
14.49
D7
4.13
8.25
12.82
21.45
27.79
OUTPUT CHARACTERISTICS


Similar Part No. - CMC2025AU2N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC202 RALTRON-CMC202 Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
CMC20218AU1E RALTRON-CMC20218AU1E Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
CMC20218AU1N RALTRON-CMC20218AU1N Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
CMC20218AU1S RALTRON-CMC20218AU1S Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
CMC20218AU2E RALTRON-CMC20218AU2E Datasheet
732Kb / 6P
   MEMS Standard Frequency Oscillator
More results

Similar Description - CMC2025AU2N

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
   MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
   MEMS-Oscillator
logo
Transko Electronics, In...
TMM TRANSKO-TMM Datasheet
981Kb / 7P
   MEMS OSCILLATOR
Rev 3: 06-27-2022
logo
Jauch Quartz Gmbh
JSO-LC-2.5V JAUCH-JSO-LC-2.5V Datasheet
820Kb / 4P
   MEMS-Oscillator
JSO-LC-3.3V JAUCH-JSO-LC-3.3V Datasheet
820Kb / 4P
   MEMS-Oscillator
logo
EUROQUARTZ limited
EMEM8002 EUROQUARTZ-EMEM8002 Datasheet
801Kb / 6P
   MEMS OSCILLATOR
logo
IQD Frequency Products ...
IQMS-142 IQD-IQMS-142 Datasheet
132Kb / 3P
   MEMS Oscillator Specification
IQMS-144 IQD-IQMS-144 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-146 IQD-IQMS-146 Datasheet
133Kb / 3P
   MEMS Oscillator Specification
IQMS-141 IQD-IQMS-141 Datasheet
142Kb / 3P
   MEMS Oscillator Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com