Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC501XXAVD0N Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # CMC501XXAVD0N
Description  Low Power Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC501XXAVD0N Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  CMC501XXAVD0N Datasheet HTML 1Page - Raltron Electronics Corporation CMC501XXAVD0N Datasheet HTML 2Page - Raltron Electronics Corporation CMC501XXAVD0N Datasheet HTML 3Page - Raltron Electronics Corporation CMC501XXAVD0N Datasheet HTML 4Page - Raltron Electronics Corporation CMC501XXAVD0N Datasheet HTML 5Page - Raltron Electronics Corporation CMC501XXAVD0N Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MEMS Programmable
Oscillator
Page 3 of 6
CMC501-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Table 3. Rise/Fall Time vs. CLoad ( CL ), Vs=2.8V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.29
0.81
1.48
2.29
2.99
D1
0.34
0.88
1.64
2.52
3.30
D2, default
0.44
1.00
1.83
2.82
3.67
D3
0.55
1.12
2.08
3.22
4.08
D4
0.97
2.00
3.54
5.43
6.93
D5
1.29
2.57
4.72
7.01
9.06
D6
1.94
3.90
7.03
10.24
13.34
D7
3.77
7.54
12.28
19.57
25.27
Table 4. Rise/Fall Time vs. CLoad ( CL ), Vs=3.0V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.27
0.76
1.39
2.16
2.85
D1
0.30
0.83
1.55
2.40
3.13
D2
0.38
0.92
1.72
2.71
3.51
D3, default
0.51
1.00
1.97
3.07
3.90
D4
0.89
1.92
3.39
5.20
6.64
D5
1.22
2.46
4.54
6.76
8.62
D6
1.84
3.71
6.72
9.86
12.68
D7
3.60
7.21
11.97
18.74
24.30
Table 5. Rise/Fall Time vs. CLoad ( CL ), Vs=3.3V
CL
5pF
15pF
30pF
45pF
60pF
Drive Strength
@20% to 80%
(ns) typ.
D0
0.25
0.72
1.31
1.83
2.61
D1
0.28
0.79
1.46
2.05
2.93
D2
0.33
0.87
1.64
2.30
3.35
D3, default
0.46
1.00
1.86
2.60
3.84
D4
0.81
1.82
3.22
4.52
6.33
D5
1.16
2.33
4.29
6.04
8.34
D6
1.74
3.50
6.38
8.98
12.19
D7
3.39
6.88
11.63
17.56
23.59


Similar Part No. - CMC501XXAVD0N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
CMC50218AUD0E RALTRON-CMC50218AUD0E Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC50218AUD0E RALTRON-CMC50218AUD0E Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50218AUD0N RALTRON-CMC50218AUD0N Datasheet
717Kb / 6P
   Low Power Oscillator
CMC50218AUD0S RALTRON-CMC50218AUD0S Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
More results

Similar Description - CMC501XXAVD0N

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC301 RALTRON-CMC301 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC251 RALTRON-CMC251 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com