Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE71S6352 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part No. PE71S6352
Description  Electromechanical Relay Switches Technical Data Sheet
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PASTERNACK [Pasternack Enterprises, Inc.]
Homepage  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6352 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6352 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE71S6352 Datasheet HTML 8Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
-120
-114
-108
-102
-96
-90
-84
-78
-72
-66
-60
0.00
1.80
3.60
5.40
7.20
9.00
10.80
12.60
14.40
16.20
18.00
dB
GHz
Isolation
PE71S6352 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SPDT Electromechanical Relay Latching Switch, DC to 18 GHz, up to 90W, 12V, SMA
PE71S6352
SPDT Electromechanical Relay Latching Switch,
DC to 18 GHz, up to 90W, 12V, SMA
Electromechanical Relay Switches Technical Data
PE71S6352


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn