Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC25318BVD17E Datasheet(PDF) 6 Page - Raltron Electronics Corporation

Part # CMC25318BVD17E
Description  Ultra low phase jitter: 0.5ps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC25318BVD17E Datasheet(HTML) 6 Page - Raltron Electronics Corporation

  CMC25318BVD17E Datasheet HTML 1Page - Raltron Electronics Corporation CMC25318BVD17E Datasheet HTML 2Page - Raltron Electronics Corporation CMC25318BVD17E Datasheet HTML 3Page - Raltron Electronics Corporation CMC25318BVD17E Datasheet HTML 4Page - Raltron Electronics Corporation CMC25318BVD17E Datasheet HTML 5Page - Raltron Electronics Corporation CMC25318BVD17E Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ultra Performance
MEMS Oscillator Page 6 of 6
CMC253-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
SERIES
SUPPLY VOLTAGE
(V)
Frequency
Stability
TEMP
RANGE
(°C )
Output Drive
Enable/
Disable
Function
-
OUTPUT
FREQUENCY
(MHz)
CMC253
18: Vs=1.8V
25: Vs=2.5V
28: Vs=2.8V
33: Vs=3.3V
A:±10ppm
B:±20ppm
C:±25ppm
D:±50ppm
U: -20~70
V: -40~85
1:D0
11:D11
2:D1
12:D12
3:D2
13:D13
4:D3
14:D14
5:D4
15:D15
6:D5
16:D16
7:D6
17:D17
8:D7
18:D18
9: D8
19:D19
10:D9
See table 1 to 4
E: E/D output
S:Standby
-
APPROVALS
Eng. approval, date: SP, 07/11/2016
Created by, date:
SP, 07/11/2016
Revision: A
ORDERING INFORMATION


Similar Part No. - CMC25318BVD17E

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC2530AUD1E RALTRON-CMC2530AUD1E Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD1N RALTRON-CMC2530AUD1N Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD1S RALTRON-CMC2530AUD1S Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD2E RALTRON-CMC2530AUD2E Datasheet
718Kb / 6P
   Low Power Oscillator
CMC2530AUD2N RALTRON-CMC2530AUD2N Datasheet
718Kb / 6P
   Low Power Oscillator
More results

Similar Description - CMC25318BVD17E

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC254 RALTRON-CMC254 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC304 RALTRON-CMC304 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC204 RALTRON-CMC204 Datasheet
707Kb / 5P
   Ultra low phase jitter: 0.5ps
CMC503 RALTRON-CMC503 Datasheet
734Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC303 RALTRON-CMC303 Datasheet
736Kb / 6P
   Ultra low phase jitter: 0.5ps
CMC704 RALTRON-CMC704 Datasheet
706Kb / 5P
   Ultra low phase jitter: 0.5ps
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Abracon Corporation
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com