Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9852A-15 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE9852A-15
Description  WR-42 Waveguide Standard Gain Horn Antenna Operating From 18 GHz to 26.5 GHz With a Nominal 15 dBi Gain With UG-597/U Square Cover Flange
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9852A-15 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE9852A-15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9852A-15 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9852A-15 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
WR-42 Waveguide Standard Gain Horn Antenna Operating From 18 GHz to 26.5 GHz With a Nominal 15 dBi Gain With
UG-597/U Square Cover Flange from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-42 Waveguide Standard Gain Horn Antenna Operating From 18 GHz to 26.5 GHz With a
Nominal 15 dBi Gain With UG-597/U Square Cover Flange PE9852A-15
URL: https://www.pasternack.com/wr-42-waveguide-gain-horn-antenna-15dbi-ug-597-square-flange-pe9852a-15-p.aspx
PE9852A-15 REV 1.0
Gain Horns Technical Data Sheet
PE9852A-15
WR-42 Waveguide Standard Gain Horn Antenna
Operating From 18 GHz to 26.5 GHz With a Nominal
15 dBi Gain With UG-597/U Square Cover Flange


Similar Part No. - PE9852A-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9852-10 PASTERNACK-PE9852-10 Datasheet
254Kb / 2P
   STANDARD GAIN HORN WR-42
PE9852-10 PASTERNACK-PE9852-10 Datasheet
411Kb / 3P
   Gain Horns
PE9852-10 PASTERNACK-PE9852-10 Datasheet
408Kb / 2P
   STANDARD GAIN HORN
PE9852-10 PASTERNACK-PE9852-10_17 Datasheet
411Kb / 3P
   Gain Horns
PE9852-15 PASTERNACK-PE9852-15 Datasheet
254Kb / 2P
   STANDARD GAIN HORN WR42
More results

Similar Description - PE9852A-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9853A-20 PASTERNACK-PE9853A-20 Datasheet
417Kb / 3P
   WR-51 Waveguide Standard Gain Horn Antenna Operating From 15 GHz to 22 GHz With a Nominal 20 dBi Gain With Square Cover Flange
PE9855A-20 PASTERNACK-PE9855A-20 Datasheet
356Kb / 3P
   WR-75 Waveguide Standard Gain Horn Antenna Operating From 10 GHz to 15 GHz With a Nominal 20 dBi Gain With Square Cover Flange
PE9881A-20 PASTERNACK-PE9881A-20 Datasheet
344Kb / 3P
   WR-15 Waveguide Horn Antenna Operating From 50 GHz to 75 GHz With a Nominal 20 dBi Gain With UG-385/U Round Cover Flange
PE-W42SF005-24 PASTERNACK-PE-W42SF005-24 Datasheet
391Kb / 4P
   WR-42 Seamless Flexible Waveguide, UG-595/U Square Cover Flange Operating From 18 GHz to 26.5 GHz
PEWMT1006 PASTERNACK-PEWMT1006 Datasheet
490Kb / 3P
   WR-42 Waveguide Magic Tee, UG-595/U Square Cover Flange Operating from 18 GHz to 26.5 GHz
PE-W42TF005-24 PASTERNACK-PE-W42TF005-24 Datasheet
395Kb / 4P
   WR-42 Flexible Waveguide Twist With a UG-595 - U Flange Operating From 18 GHz to 26.5 GHz
PE9851A-15 PASTERNACK-PE9851A-15 Datasheet
385Kb / 3P
   WR-34 Waveguide Standard Gain Horn Antenna Operating From 22 GHz to 33 GHz With a Nominal
PE-W42TF005-36 PASTERNACK-PE-W42TF005-36 Datasheet
395Kb / 4P
   WR-42 Flexible Waveguide Twist With a UG-595 - U Flange Operating From 18 GHz to 26.5 GHz
PE-W42TF005-12 PASTERNACK-PE-W42TF005-12 Datasheet
395Kb / 4P
   WR-42 Flexible Waveguide Twist With a UG-595 - U Flange Operating From 18 GHz to 26.5 GHz
PE9858A-20 PASTERNACK-PE9858A-20 Datasheet
409Kb / 3P
   WR-112 Waveguide Standard Gain Horn Antenna Operating From 7.05 GHz to 10 GHz With a Nominal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com