Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX1N6050TR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTX1N6050TR
Description  1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N6050TR Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTX1N6050TR Datasheet HTML 1Page - Microsemi Corporation JANTX1N6050TR Datasheet HTML 2Page - Microsemi Corporation JANTX1N6050TR Datasheet HTML 3Page - Microsemi Corporation JANTX1N6050TR Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1500 WATT BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPRESSOR
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2002
11-06-2003 REV A
SCOTTSD A L E DIVISION
1N6036 and 1N6072A
Rated
Standoff
Voltage
VWM
(NOTE 1)
Breakdown
Voltage
V(BR)
V(BR) min
V(BR) max @ I(BR)
Maximum
Clamping
Voltage
VC @ IPP
Maximum
Standby
Current
ID @ VWM
Maximum
Peak Pulse
Current
IPP
(See Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
JEDEC
Type
No.
Volts
Volts
Volts
mA
Volts
µA
Amps
Volts
1N6062
*1N6062A
1N6063
*1N6063A
73.0
75.0
81.0
82.0
81.9
86.5
90.0
95.0
100.0
95.5
110.0
105.0
1
1
1
1
131.0
125.0
144.0
137.0
5
5
5
5
11.4
12.0
10.4
11.0
.106
.106
.106
.106
1N6064
*1N6064A
1N6065
*1N6065A
90.0
94.0
95.0
100.0
99.0
105.0
108.0
114.0
121.0
116.0
132.0
126.0
1
1
1
1
158.0
152.0
176.0
168.0
5
5
5
5
9.5
9.9
8.5
8.9
.107
.107
.107
.107
1N6066
*1N6066A
1N6067
*1N6067A
105.0
110.0
121.0
128.0
117.0
124.0
135.0
143.0
143.0
137.0
165.0
158.0
1
1
1
1
191.0
182.0
223.0
213.0
5
5
5
5
7.8
8.2
6.7
7.0
.107
.107
.108
.108
1N6068
*1N6068A
1N6069
*1N6069A
137.0
145.0
145.0
150.0
153.0
162.0
162.0
171.0
187.0
179.0
198.0
189.0
1
1
1
1
258.0
245.0
274.0
261.0
5
5
5
5
5.8
6.1
5.5
5.7
.108
.108
.108
.108
1N6070
*1N6070A
1N6071
*1N6071A
155.0
160.0
165.0
170.0
171.0
181.0
180.0
190.0
210.0
200.0
220.0
210.0
1
1
1
1
292.0
278.0
308.0
294.0
5
5
5
5
5.1
5.4
4.9
5.1
.108
.108
.108
.108
1N6072
*1N6072A
175.0
185.0
198.0
209.0
242.0
231.0
1
1
344.0
328.0
5
5
4.3
4.6
.108
.108
* Also available in military qualified types by adding the prefix JAN, JANTX or JANTXV per MIL-PRF-19500/507.
NOTE 1: A TVS is normally selected according to the rated “Standoff Voltage” VWM that should be equal to or greater than the dc or continuous peak
operating voltage level.
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition. (See Note 1 above)
V(BR)
Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25
oC
VC
Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the
peak pulse current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise
due to both the series resistance and thermal rise and positive temperature coefficient (αV(BR))
IPP
Peak Pulse Current: The peak current during the impulse (See Figure 2)
PPP
Peak Pulse Power: The pulse power as determined by the product of VC and IPP
ID
Standby Current: The current at the standoff voltage (VWM)
I(BR)
Breakdown Current: The current used for measuring Breakdown Voltage (V(BR))


Similar Part No. - JANTX1N6050TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N6075 MICROSEMI-JANTX1N6075 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Opto Electronics Co,. L...
JANTX1N6092 E-OEC-JANTX1N6092 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
JANTX1N6093 E-OEC-JANTX1N6093 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
JANTX1N6094 E-OEC-JANTX1N6094 Datasheet
100Kb / 2P
   JAN QUALIFIED HERMETIC LED INDICATORS
More results

Similar Description - JANTX1N6050TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N5632A MICROSEMI-JANTX1N5632A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1N5555 DIGITRON-1N5555 Datasheet
127Kb / 2P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N5555 MICROSEMI-1N5555 Datasheet
190Kb / 3P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
LC6.5 MICROSEMI-LC6.5_08 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
MLCE6.5 MICROSEMI-MLCE6.5 Datasheet
380Kb / 5P
   1500 Watt Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
LC6.5 NJSEMI-LC6.5 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
LC6.5 MICROSEMI-LC6.5 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com