Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STUD9916L Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD9916L
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD9916L Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD9916L Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD9916L Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
STU/D9916L
Ver 1.2
www.samhop.com.tw
Apr,07,2010
4
Figure 7. Transconductance Variation
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
VDS, Drain-Source Voltage(V)
Figure 10. Maximum Safe Operating Area
IDS , Drain-S ource C urrent (A)
15
12
9
6
18
0
0
5
10
15
20
25
3
V DS =10V
20
10
0
1
0.4
0.6
0.8
1.0
1.2
1.4
T J =25 C
50
10
1
0.03
0.1
1
10
50
10m
s
10
0m
s
1s
DC
V GS =10V
S ingle P uls e
Tc=25 C
30
R
DS
(ON
) Li
m
it
70
with Drain Current
Qg, Total Gate Charge(nC)
Figure 9. Gate Charge
8
10
6
4
2
0
0
2
4
6
8
10121416
VDS=15V
ID=20A


Similar Part No. - STUD9916L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STUD03L01 SAMHOP-STUD03L01 Datasheet
149Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD03L07 SAMHOP-STUD03L07 Datasheet
155Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD03N20 SAMHOP-STUD03N20 Datasheet
126Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD04N20 SAMHOP-STUD04N20 Datasheet
147Kb / 10P
   Super high dense cell design for low RDS(ON).
STUD06L01 SAMHOP-STUD06L01 Datasheet
155Kb / 10P
   Super high dense cell design for low RDS(ON).
More results

Similar Description - STUD9916L

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com