Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP131A0616SR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XP131A0616SR
Description  Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XP131A0616SR Datasheet(HTML) 4 Page - Torex Semiconductor

  XP131A0616SR Datasheet HTML 1Page - Torex Semiconductor XP131A0616SR Datasheet HTML 2Page - Torex Semiconductor XP131A0616SR Datasheet HTML 3Page - Torex Semiconductor XP131A0616SR Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XP131A0616SR
Power MOSFET
348
u
5
4
3
2
1
0
020
10
30
40
50
Gate/Source Voltage vs. Gate Charge
Vds=10V, Id=10A
Gate Charge:Qg (nc)
1.5V
2.5V
0,-4.5V
Vgs=4.5V
30
20
10
5
25
15
0
0
0.2
0.4
0.6
0.8
1
Reverse Drain Current vs. Source/Drain Voltage
Pulse Test
Source/Drain Voltage:Vsd (V)
10
0.0001
0.01
0.001
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
Standardized Transition Thermal Resistance vs. Pulse Width
Rth (ch-a)=50˚C/W, (Implemented on a glass epoxy PCB)
Pulse Width:PW (sec)
Single Pulse
■ Electrical Characteristics
10000
100
1000
010
15
520
Ciss
Coss
Crss
Drain/Source Voltage vs. Capacitance
Vgs=0V, f=1MHz
Drain/Source Voltage:Vds (V)
1000
10
100
0.1
1
10
tf
tr
td(off)
td(on)
Switching Time vs. Drain Current
Vgs=5V, Vdd
10V, PW=10
µsec. duty≦1%
Drain Current:Id (A)


Similar Part No. - XP131A0616SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XP131A0150SR TOREX-XP131A0150SR Datasheet
162Kb / 4P
   Power MOS FET
XP131A0232SR TOREX-XP131A0232SR Datasheet
174Kb / 4P
   N-Channel Power MOS FET
XP131A0526SR TOREX-XP131A0526SR Datasheet
184Kb / 4P
   N-Channel Power MOS FET
More results

Similar Description - XP131A0616SR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com