Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VHF15-08IO5 Datasheet(PDF) 2 Page - IXYS Corporation

Part No. VHF15-08IO5
Description  Half Controlled Single Phase Rectifier Bridge
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHF15-08IO5 Datasheet(HTML) 2 Page - IXYS Corporation

  VHF15-08IO5 Datasheet HTML 1Page - IXYS Corporation VHF15-08IO5 Datasheet HTML 2Page - IXYS Corporation VHF15-08IO5 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
Symbol
Test Conditions
Characteristic Values
I
R, ID
V
R = VRRM; VD = VDRM
T
VJ = TVJM
£
5mA
T
VJ = 25°C
£
0.3
mA
V
T, VF
I
T, IF = 45 A; TVJ = 25°C
£
2.8
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
1.0
V
r
T
40
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.0
V
T
VJ = -40°C
£
1.2
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
65
mA
T
VJ = -40°C
£
80
mA
T
VJ = 125°C
£
50
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
5mA
I
L
I
G = 0.3 A; tG = 30 ms;
T
VJ = 25°C
£
150
mA
di
G/dt = 0.3 A/ms;
T
VJ = -40°C
£
200
mA
T
VJ = 125°C
£
100
mA
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥£
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.3 A; diG/dt = 0.3 A/ms
t
q
T
VJ = 125°C, IT = 15 A, tP = 300 ms, VR = 100 V
typ.
150
ms
Q
r
di/dt = -10 A/
ms, dv/dt = 20 V/ms, V
D = 2/3 VDRM
75
mC
R
thJC
per thyristor (diode); DC current
2.4
K/W
per module
0.6
K/W
R
thJK
per thyristor (diode); DC current
3.0
K/W
per module
0.75
K/W
d
S
Creepage distance on surface
12.6
mm
d
A
Creepage distance in air
6.3
mm
a
Max. allowable acceleration
50
m/s2
VHF 15
Fig. 1 Gate trigger range
Fig. 2 Gate controlled delay time t
gd
1
10
100
1000
0.1
1
10
I
G
V
G
mA
1: I
GT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
V
4: P
GAV = 0.5 W
5: PGM = 1 W
6: PGM = 10 W
I
GD, TVJ = 125°C
4
2
1
5
6
10
100
1000
1
10
100
1000
µs
t
gd
T
VJ = 25°C
typ.
Limit
mA
I
G
3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn