Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7625FMCZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD7625FMCZ
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7625FMCZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7625FMCZ Datasheet HTML 2Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 3Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 4Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 5Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 6Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 7Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 8Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 9Page - Analog Devices EVAL-AD7625FMCZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
AD7625
Rev. B | Page 5 of 24
TIMING SPECIFICATIONS
VDD1 = 5 V; VDD2 = 2.5 V; VIO = 2.37 V to 2.63 V; REF = 4.096 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Time Between Conversions1
tCYC
166
10,000
ns
Acquisition Time
tACQ
40
ns
CNV± High Time
tCNVH
10
40
ns
CNV± to D± (MSB) Delay
tMSB
145
ns
CNV± to Last CLK± (LSB) Delay
tCLKL
110
ns
CLK± Period2
tCLK
(tCYC − tMSB + tCLKL)/n
4
3.33
ns
CLK± Frequency
fCLK
250
300
MHz
CLK± to DCO± Delay (Echoed-Clock Mode)
tDCO
0
4
7
ns
DCO± to D± Delay (Echoed-Clock Mode)
tD
0
1
ns
CLK± to D± Delay
tCLKD
0
4
7
ns
1 The maximum time between conversions is 10,000 ns. If CNV± is left idle for a time greater than the maximum value of tCYC, the subsequent conversion result is invalid.
2 For the minimum CLK period, the window available to read data is tCYC − tMSB + tCLKL. Divide this time by the number of bits (n) that are read. In echoed-clock interface
mode, n = 16; in self-clocked interface mode, n = 18.


Similar Part No. - EVAL-AD7625FMCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7621CB AD-EVAL-AD7621CB Datasheet
468Kb / 33P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
EVAL-AD7621CB2 AD-EVAL-AD7621CB2 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
EVAL-AD7621CB2 AD-EVAL-AD7621CB2 Datasheet
619Kb / 32P
   16-Bit, 2 LSB INL, 3 MSPS PulSAR
REV. 0
EVAL-AD7622CB AD-EVAL-AD7622CB Datasheet
589Kb / 29P
   1.5 LSB INL, 2 MSPS PulSAR ADC
EVAL-AD7623CB AD-EVAL-AD7623CB Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
More results

Similar Description - EVAL-AD7625FMCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
   16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com