Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7607SDZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-AD7607SDZ
Description  8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7607SDZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-AD7607SDZ Datasheet HTML 2Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 3Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 4Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 5Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 6Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 7Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 8Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 9Page - Analog Devices EVAL-AD7607SDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
AD7607
Rev. C | Page 5 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE INPUT/OUTPUT
Reference Input Voltage Range
2.475
2.5
2.525
V
DC Leakage Current
±1
µA
Input Capacitance7
REF SELECT = 1
7.5
pF
Reference Output Voltage
REFIN/REFOUT
2.49/
2.505
V
Reference Temperature Coefficient
±10
ppm/°C
LOGIC INPUTS
Input High Voltage (VINH)
0.9 × VDRIVE
V
Input Low Voltage (VINL)
0.1 × VDRIVE
V
Input Current (IIN)
±2
µA
Input Capacitance (CIN)7
5
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
ISOURCE = 100 µA
VDRIVE − 0.2
V
Output Low Voltage (VOL)
ISINK = 100 µA
0.2
V
Floating-State Leakage Current
±1
±20
µA
Floating-State Output Capacitance7
5
pF
Output Coding
Twos complement
CONVERSION RATE
Conversion Time
All eight channels included; see Table 3
4
µs
Track-and-Hold Acquisition Time
1
µs
Throughput Rate
All eight channels included
200
kSPS
POWER REQUIREMENTS
AVCC
4.75
5.25
V
VDRIVE
2.3
5.25
V
ITOTAL
Digital inputs = 0 V or VDRIVE
Normal Mode (Static)
16
22
mA
Normal Mode (Operational)8
20
27
mA
Standby Mode
5
8
mA
Shutdown Mode
2
6
µA
Power Dissipation8
Normal Mode (Static)
80
115.5
mW
Normal Mode (Operational)
100
142
mW
Standby Mode
25
42
mW
Shutdown Mode
10
31.5
µW
1
Temperature range for the B version is −40°C to +85°C.
2
See the Terminology section.
3
This specification applies when reading during a conversion or after a conversion. If reading during a conversion in parallel mode with VDRIVE = 5 V, SNR typically reduces by 1.5 dB
and THD typically reduces by 3 dB.
4
LSB means least significant bit. With ±5 V input range, 1 LSB = 610.35 µV. With ±10 V input range, 1 LSB = 1.22 mV.
5
This specification includes the full temperature range variation and contribution from the internal reference buffer but does not include the error contribution from
the external reference.
6
Bipolar zero code error is calculated with respect to the analog input voltage.
7
Sample tested during initial release to ensure compliance.
8
Operational power/current figure includes contribution when running in oversampling mode.


Similar Part No. - EVAL-AD7607SDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7607SDZ AD-EVAL-AD7607SDZ Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
More results

Similar Description - EVAL-AD7607SDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7617 AD-AD7617 Datasheet
947Kb / 52P
   16-Channel DAS with 14-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com