Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE2053 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE2053
Description  Integrated Circuit 8-Bit MPU Compatible A/D Converter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2053 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NTE2053
Integrated Circuit
8–Bit MPU Compatible A/D Converter
Description:
The NTE2053 is a CMOS 8–bit successive approximation Analog to Digital converter in a 20–Lead DIP
type package which uses a differential potentiometric ladder – similar to the 256R products. This device
is designed to allow operation with the NSC800 and INS8080A derivative control bus, and TRI–STATER
output latches directly drive the data bus. These A/Ds appear like memory locations or I/O ports to the
microprocessor and no interfacing logic is needed.
A new differential analog voltage input allows increasing the common–mode rejection and offsetting
the analog zero input voltage value. In addition, the voltage reference input can be adjusted to allow
encoding any similar analog voltage span to the full 8 bits of resolution.
Features:
D Compatible With 8080 MPU Derivatives – No Interfacing Logic Needed – Access Time: 135ns
D Easy Interface to all Microprocessors, or Operates “Stand Alone”
D Differential Analog Voltage Inputs
D Logic Inputs and Outputs Meet Both MOS and TTL Voltage Level Specifications
D Works With 2.5V (NTE952) Voltage Reference
D On–Chip Clock Generator
D 0V to 5V Analog Input Voltage Range with Single 5V Supply
D No Zero Adjust Required
D Operates Ratiometrically or with 5V, 2.5V, or Analog Span Adjusts Voltage Reference
Absolute Maximum Ratings: (Note 1, Note 2)
Supply Voltage (Note 3), VCC
6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at Logic Control Inputs
–0.3V to +18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage at All Other Inputs and Outputs
–0.3V to VCC +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +25°C), PD
875mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 10sec), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (Note 1, Note 2)
Operating Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage Range, VCC
4.5V to 6.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Absolute Maximum Ratings are those values beyond which the life of the device may be im-
paired.
Note 2. All voltage are measured with respect to GND, unless otherwise specified. The separate
A GND point should always be wired to the D GND.
Note 3. A zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7V.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn