Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7194 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7194
Description  24-Bit Sigma-Delta ADC with PGA
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7194 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7194_17 Datasheet HTML 7Page - Analog Devices AD7194_17 Datasheet HTML 8Page - Analog Devices AD7194_17 Datasheet HTML 9Page - Analog Devices AD7194_17 Datasheet HTML 10Page - Analog Devices AD7194_17 Datasheet HTML 11Page - Analog Devices AD7194_17 Datasheet HTML 12Page - Analog Devices AD7194_17 Datasheet HTML 13Page - Analog Devices AD7194_17 Datasheet HTML 14Page - Analog Devices AD7194_17 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
AD7194
Data Sheet
Rev. B | Page 10 of 54
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. CONNECT EXPOSED PAD TO AGND.
24 DVDD
23 AVDD
22 DGND
21 AGND
20 AIN16
19 AIN15
18 REFIN1(–)
17 REFIN1(+)
1
2
3
4
5
6
7
8
AIN1/P3
AIN2/P2
AIN3/P1/REFIN2(+)
AIN4/P0/REFIN2(–)
AINCOM
AGND
AIN5
AIN6
TOP VIEW
(Not to Scale)
AD7194
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
AIN1/P3
Analog Input/Digital Output Pin. This pin can function as an analog input pin. When the GP32EN bit is set
to 1, the pin functions as a general-purpose output bit referenced between AVDD and AGND.
2
AIN2/P2
Analog Input/Digital Output Pin. This pin can function as an analog input pin. When the GP32EN bit is set
to 1, the pin functions as a general-purpose output bit referenced between AVDD and AGND.
3
AIN3/P1/REFIN2(+)
Analog Input/Digital Output Pin/Positive Reference Input. This pin functions as an analog input pin. When
the GP10EN bit is set to 1, the pin functions as a general-purpose output bit referenced between AVDD and
AGND. When the REFSEL bit in the configuration register is set to 1, this pin functions as REFIN2(+). An
external reference can be applied between REFIN2(+) and REFIN2(−). REFIN2(+) can lie anywhere between
AVDD and AGND + 1 V.
4
AIN4/P0/REFIN2(−)
Analog Input/Digital Output Pin/Positive Reference Input. This pin functions as an analog input pin. When
the GP10EN bit is set to 1, the pin functions as a general-purpose output bit referenced between AVDD and
AGND. When the REFSEL bit in the configuration register is set to 1, this pin functions as REFIN2(−). An
external reference can be applied between REFIN2(+) and REFIN2(−). This reference input can lie anywhere
between AGND and AVDD − 1 V.
5
AINCOM
Analog Input AIN1 to Analog Input AIN16 are referenced to this input when the bit pseudo is set to 1.
6
AGND
Analog Ground Reference Point.
7
AIN5
Analog Input Pin.
8
AIN6
Analog Input Pin.
9
AIN7
Analog Input Pin.
10
AIN8
Analog Input Pin.
11
AIN9
Analog Input Pin.
12
AIN10
Analog Input Pin.
13
AIN11
Analog Input Pin.
14
AIN12
Analog Input Pin.
15
AIN13
Analog Input Pin.
16
AIN14
Analog Input Pin.
17
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(−).
REFIN1(+) can lie anywhere between AVDD and AGND + 1 V. The nominal reference voltage, (REFIN1(+) −
REFIN1(−)), is AVDD, but the part functions with a reference from 1 V to AVDD.
18
REFIN1(−)
Negative Reference Input. This reference input can lie anywhere between AGND and AVDD − 1 V.
19
AIN15
Analog Input Pin.
20
AIN16
Analog Input Pin.
21
AGND
Analog Ground Reference Point.
22
DGND
Digital Ground Reference Point.


Similar Part No. - AD7194_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7194BCPZ AD-AD7194BCPZ Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7194BCPZ-REEL AD-AD7194BCPZ-REEL Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7194BCPZ-REEL7 AD-AD7194BCPZ-REEL7 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
More results

Similar Description - AD7194_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
CS1237 CHIPSEA-CS1237 Datasheet
604Kb / 19P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com