Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD7171 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD7171
Description  16-Bit, Low Power, Sigma-Delta ADC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7171 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7171_17 Datasheet HTML 6Page - Analog Devices AD7171_17 Datasheet HTML 7Page - Analog Devices AD7171_17 Datasheet HTML 8Page - Analog Devices AD7171_17 Datasheet HTML 9Page - Analog Devices AD7171_17 Datasheet HTML 10Page - Analog Devices AD7171_17 Datasheet HTML 11Page - Analog Devices AD7171_17 Datasheet HTML 12Page - Analog Devices AD7171_17 Datasheet HTML 13Page - Analog Devices AD7171_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
AD7171
Rev. C | Page 9 of 16
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
Table 7 shows the rms noise of the AD7171. The numbers
given are for a 5 V and a 3 V reference. These numbers are
typical and are generated with a differential input voltage of 0 V.
The corresponding p-p resolution is also listed along with the
effective resolution (ENOB). Note that the effective resolution is
calculated using the rms noise, whereas the p-p resolution is based
on the p-p noise. The p-p resolution represents the resolution
for which there is no code flicker. These numbers are typical.
The effective number of bits (ENOB) is defined as
ENOB = ln(FSR/RMS noise)/ln(2)
The noise-free bits, or p-p resolution, are defined as
Noise-Free Bits = ln(FSR/Peak-to-Peak Noise)/ln(2)
where FSR is the full-scale range and is equal to 2 × VREF/gain.
Table 7. RMS Noise and Resolution of the AD7171
VREF = VDD
RMS Noise
P-P Noise
P-P Resolution
ENOB
5 V
11.5 μV
76 μV
16 bits
16 bits
3 V
6.9 μV
45 μV
16 bits
16 bits


Similar Part No. - AD7171_17

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7171BCPZ-500RL7 AD-AD7171BCPZ-500RL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171BCPZ-REEL7 AD-AD7171BCPZ-REEL7 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results

Similar Description - AD7171_17

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_17 Datasheet
466Kb / 21P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz