Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6203 Datasheet(PDF) 7 Page - ON Semiconductor

Part # FMS6203
Description  Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6203 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FMS6203 Datasheet HTML 2Page - ON Semiconductor FMS6203 Datasheet HTML 3Page - ON Semiconductor FMS6203 Datasheet HTML 4Page - ON Semiconductor FMS6203 Datasheet HTML 5Page - ON Semiconductor FMS6203 Datasheet HTML 6Page - ON Semiconductor FMS6203 Datasheet HTML 7Page - ON Semiconductor FMS6203 Datasheet HTML 8Page - ON Semiconductor FMS6203 Datasheet HTML 9Page - ON Semiconductor FMS6203 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6203 • Rev. 1.0.4
6
Layout Considerations
General layout and supply bypassing play a major role
in
high-frequency
performance
and
thermal
characteristics. Fairchild offers an evaluation board to
guide layout and aid device evaluation. The evaluation
board is a four-layer board with full power and ground
planes. Following this layout configuration provides
optimum performance and thermal characteristics for
the device. For the best results, follow the steps and
recommended routing rules listed below.
Recommended Routing / Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to
supply power.
Run traces on top of the ground plane at all times.
Do not run traces over ground/power splits.
Avoid routing at 90-degree angles.
Minimize clock and video data trace length
differences.
Include 10µF and 0.1µF ceramic power supply
bypass capacitors.
Place the 0.1µF capacitor within 0.1 inches of the
device power pin.
Place the 10µF capacitor within 0.75 inches of the
device power pin.
For multi-layer boards, use a large ground plane to
help dissipate heat.
For two-layer boards, use a ground plane that
extends beyond the device body by at least 0.5
inches on all sides. Include a metal paddle under
the device on the top layer.
Minimize all trace lengths to reduce series
inductance.
Thermal Considerations
Since the interior of most systems, such as set-top
boxes, TVs, and DVD players, are at +70ºC;
consideration must be given to providing an adequate
heat sink for the device package for maximum heat
dissipation. When designing a system board, determine
how much power each device dissipates. Ensure that
devices of high power are not placed in the same
location, such as directly above (top plane) and below
bottom plane) each other on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and
environmental conditions.
Maximize thermal performance of the PCB.
Consider 70µm copper for high-power designs.
Make the PCB as thin as possible by reducing FR4
thickness.
Use vias in the power pad to tie adjacent layers
together.
Remember that baseline temperature is a function
of board area, not copper thickness.
Use modeling techniques for first-order
approximation.
Output Considerations
The FMS6203 outputs are DC offset from the input by
150mV; therefore, VOUT = 2•VIN DC+150mV. This offset
is required to obtain optimal performance from the
output driver and is held at the minimum value to
decrease the standing DC current into the load. Since
the FMS6203 has a 2x (6dB) gain, the output is typically
connected via a 75Ω-series back-matching resistor
followed by the 75Ω video cable. Because of the
inherent divide by two of this configuration, the blanking
level at the load of the video signal is always less than
1V. When AC-coupling the output, ensure that the
coupling capacitor of choice passes the lowest
frequency content in the video signal and that line time
distortion (video tilt) is kept as low as possible.
The selection of the coupling capacitor is a function of
the subsequent circuit input impedance and the leakage
current of the input being driven. To obtain the highest
quality output video signal, the series termination
resistor must be placed as close to the device output
pin as possible. This greatly reduces the parasitic
capacitance and inductance effect on the FMS6203
output driver. Recommended distance from device pin
to place series termination resistor is no greater than
0.1 inches.
Figure 3.
Distance from Device Pin to Series
Termination Resistor


Similar Part No. - FMS6203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203 FAIRCHILD-FMS6203 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
FMS6203 FAIRCHILD-FMS6203 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
FMS6203MTC1400 FAIRCHILD-FMS6203MTC1400 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6203MTC1400 FAIRCHILD-FMS6203MTC1400 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
More results

Similar Description - FMS6203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
FMS6303 FAIRCHILD-FMS6303 Datasheet
653Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
   Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6690 FAIRCHILD-FMS6690 Datasheet
96Kb / 10P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
FMS6690 FAIRCHILD-FMS6690_06 Datasheet
317Kb / 12P
   Six Channel, 6th Order SD/PS/HD Video Filter Driver
logo
ON Semiconductor
FMS6690 ONSEMI-FMS6690 Datasheet
573Kb / 15P
   Six Channel, 6th Order, SD/PS/HD Video Filter Driver
August 2009 Rev. 1.0.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com