Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX-SIP-SFEU Datasheet(PDF) 15 Page - ON Semiconductor

Part # AX-SIP-SFEU
Description  Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SIP-SFEU Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AX-SIP-SFEU Datasheet HTML 11Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 12Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 13Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 14Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 15Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 16Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 17Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 18Page - ON Semiconductor AX-SIP-SFEU Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AX−SIP−SFEU, AX−SIP−SFEU−API
www.onsemi.com
15
Table 9. COMMANDS (continued)
Command
Description
Name
AT:DAC=OFF
Turn off
SD DAC
Switch off the DAC
AT:DAC?
Get
SD DAC
Return the DAC value
AT$TM=mode,config
Activates the Sigfox Testmode Available test modes:
0.
TX BPSK
Send only BPSK with Synchro Bit + Synchro frame +
PN sequence: No hopping centered on the TX_frequency. Config
bits 0 to 6 define the number of repetitions. Bit 7 of config defines if
a delay is applied or not between the frames in the loop
1.
TX Protocol:
Tx mode with full protocol with Sigfox key: Send Sigfox protocol
frames with initiate downlink flag = True. Config defines the number
of repetitions.
2.
RX Protocol:
This mode tests the complete downlink protocol in Downlink only.
Config defines the number of repetitions.
3.
RX GFSK:
RX mode with known pattern with SB + SF + Pattern on
RX_frequency (internal comparison with received frame
⇔ known
pattern = AA AA B2 27 1F 20 41 84 32 68 C5 BA AE 79 E7 F6 DD
9B. Config defines the number of repetitions.
4.
RX Sensitivity:
Does uplink + downlink frame with Sigfox key and specific timings.
This test is specific to Sigfox’s test equipment & software.
5.
TX Synthesis:
Does one uplink frame on each Sigfox channel to measure
frequency synthesis step
.
AT$SE
Starts
AT$TM
=3,255 indefinitely
Convenience command for sensitivity tests
AT$SL[=frame]
Send local loop
Sends a local loop frame with optional payload of 1 to 12 bytes.
Default payload: 0x84, 0x32, 0x68, 0xC5, 0xBA, 0x53, 0xAE, 0x79,
0xE7, 0xF6, 0xDD, 0x9B.
AT$RL
Receive local loop
Starts listening for a local loop.
AT$TP=repetitions
Transient power
measurements mode
Used for transmitter transient power measurements. The command
switches the transmitter ON and OFF. During ON state (pseudo )
random bit pattern is send. Repetitions is the number of performed
measurements, acceptable range is 1−255.
AT$PN=mode,repetitions
Send & Receive PN9
bitstream for BER
measurements
Available modes:
0:
send PN9 bit stream. Repetitions = 1 is required to start sending.
Repetitions = 0 stops sending
3:
receive PN9 bit stream, calculate BER with 3 digits precision
4:
receive PN9 bit stream, calculate BER with 4 digits precision
5:
receive PN9 bit stream, calculate BER with 5 digits precision
Mode = 3−5 receives the PN9 bitstream and decodes it into an actual
BER measurement. Reports the BER for each repetition.
Repetitions is the number of performed measurements, acceptable
range is 1−255. Higher precision result takes longer time to compute.
PN9 is 9−bit pseudo random binary sequence.
Table 10. REGISTERS
Number
Name
Description
Default
Range
Units
300
Out Of Band
Period
AX−SIP−SFEU sends periodic static
messages to indicate that they are alive.
Set to 0 to disable.
24
0−24
hours
302
Power Level
The output power of the radio.
14
0−14
dBm
410
Encryption Key
Configuration
Set to zero for normal operation.
Set to one for use with the Sigfox Network
Emulator (SNEK).
0
0−1
0: private key
1: public key


Similar Part No. - AX-SIP-SFEU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX-1 ONSEMI-AX-SIGFOX-1 Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
235Kb / 13P
   Compliant Modules
April, 2016 ??Rev. 3
More results

Similar Description - AX-SIP-SFEU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SFAZ ONSEMI-AX-SFAZ Datasheet
293Kb / 20P
   Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
April, 2017 ??Rev. 1
AX-SFEU ONSEMI-AX-SFEU_17 Datasheet
205Kb / 20P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC
September, 2017 ??Rev. 6
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS Datasheet
715Kb / 15P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Modules
Revision 2
AX-SFJK ONSEMI-AX-SFJK Datasheet
307Kb / 19P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2019 ??Rev. 4
AX-SFEU ONSEMI-AX-SFEU_V01 Datasheet
366Kb / 22P
   Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
April, 2018 ??Rev. 8
AX-SIGFOX-API ONSEMI-AX-SIGFOX-API Datasheet
264Kb / 19P
   Ultra-Low Power, AT Command Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
March, 2016 ??Rev. 3
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
Microchip Technology
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ON Semiconductor
AX-SFEU ONSEMI-AX-SFEU Datasheet
279Kb / 20P
   Ultra-Low Power Transceiver IC
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com