Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC3028CUD5E Datasheet(PDF) 6 Page - Raltron Electronics Corporation

Part # CMC3028CUD5E
Description  Low Power Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC3028CUD5E Datasheet(HTML) 6 Page - Raltron Electronics Corporation

  CMC3028CUD5E Datasheet HTML 1Page - Raltron Electronics Corporation CMC3028CUD5E Datasheet HTML 2Page - Raltron Electronics Corporation CMC3028CUD5E Datasheet HTML 3Page - Raltron Electronics Corporation CMC3028CUD5E Datasheet HTML 4Page - Raltron Electronics Corporation CMC3028CUD5E Datasheet HTML 5Page - Raltron Electronics Corporation CMC3028CUD5E Datasheet HTML 6Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MEMS Programmable
Oscillator
Page 6 of 6
CMC301-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
SERIES
SUPPLY VOLTAGE
(V)
Frequency
Stability
TEMP
RANGE
(°C )
Output Drive
Enable/
Disable
Function
-
OUTPUT
FREQUENCY
(MHz)
CMC30
18:Vs=1.8V
25: Vs=2.5V
28: Vs=2.8V
30: Vs=3.0V
33: Vs=3.3V
XX: Vs=2.5V-10%
to 3.3V+10%
A:±20ppm
B:±25ppm
C:±50ppm
U: -20~70
V: -40~85
1:D0
2:D1
3:D2
4:D3
5:D4
6:D5
7:D6
8:D7
See table 1 to 5
E: E/D
output
S:Standby
N: No
connect
-
APPROVALS
Eng. approval, date: SP, 07/05/2016
Created by, date:
SP, 07/05/2016
Revision: A
ORDERING INFORMATION


Similar Part No. - CMC3028CUD5E

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
   Low Power Consumption of 3.5mA typical at 1.8V
More results

Similar Description - CMC3028CUD5E

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC501 RALTRON-CMC501 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC251 RALTRON-CMC251 Datasheet
718Kb / 6P
   Low Power Oscillator
CMC701 RALTRON-CMC701 Datasheet
717Kb / 6P
   Low Power Oscillator
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7 Datasheet
51Kb / 1P
   CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com