Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C320-ECL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS80C320-ECL
Description  High-Speed/Low-Power Microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320-ECL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS80C320-ECL Datasheet HTML 2Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 3Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 4Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 5Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 6Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 7Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 8Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 9Page - Maxim Integrated Products DS80C320-ECL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
6 of 40
80C32 COMPATIBILITY
The DS80C320/DS80C323 are CMOS 80C32-compatible microcontrollers designed for high
performance. In most cases, the devices will drop into an existing 80C32 design to significantly improve
the operation. Every effort has been made to keep the devices familiar to 8032 users, yet they have many
new features. In general, software written for existing 80C32-based systems will work on the DS80C320
and DS80C323. The exception is critical timing, because the high-speed microcontroller performs its
instructions much faster than the original. It may be necessary to use memories with faster access times if
the same crystal frequency is used.
Application Note 57: DS80C320 Memory Interface Timing is a useful tool to help the embedded system
designer select the proper memories for her or his application.
The DS80C320/DS80C323 run the standard 8051 instruction set and is pin compatible with an 80C32 in
any of three standard packages. They also provide the same timer/counter resources, full-duplex serial
port, 256 bytes of scratchpad RAM, and I/O ports as the standard 80C32. Timers will default to a 12
clock-per-cycle operation to keep timing compatible with original 8051 systems. However, they can be
programmed to run at the new 4 clocks per cycle if desired.
New hardware features are accessed using special-function registers that do not overlap with standard
80C32 locations. A summary of these SFRs is provided below.
The DS80C320/DS80C323 address memory in an identical fashion to the standard 80C32. Electrical
timing appears different due to the high-speed nature of the product. However, the signals are essentially
the same. Detailed timing diagrams are provided in the Electrical Specifications section.
This data sheet assumes the user is familiar with the basic features of the standard 80C32. In addition to
these standard features, the DS80C320/DS80C323 include many new functions. This data sheet provides
only a summary and overview. Detailed descriptions are available in the High-Speed Microcontroller
User’s Guide.


Similar Part No. - DS80C320-ECL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320-ECL DALLAS-DS80C320-ECL Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
DS80C320-ECL DALLAS-DS80C320-ECL Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C320-ECL MAXIM-DS80C320-ECL Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-ECL MAXIM-DS80C320-ECL Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-ECL++ MAXIM-DS80C320-ECL+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C320-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com