Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE2050 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE2050
Description  Integrated Circuit 31/2-Digit Single Chip A/D Converter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2050 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE2050 & NTE2051
Integrated Circuit
31/2–Digit Single Chip A/D Converter
Description:
The NTE2050 and NTE2051 are high performance, low power 3–1/2 digit A/D converters containing
all the necessary active devices on a single CMOS IC. Included are seven segment decoders, display
drivers, reference and a clock. The NTE2051 is designed to interface with a liquid crystal display
(LCD) and includes a backplane drive; the NTE2050 will directly drive an instrument–size light emit-
ting diode (LED) display.
The NTE2050 and NTE2051 bring together an unprecedented combination of high accuracy, versatil-
ity, and true economy. High accuracy like auto–zero to less than 10
µV, zero drift of less than 1µV/°C,
input bias current of 10pA max., and roll–over error of less than one count. The versatility of true differ-
ential input and reference is useful in all systems, but gives the designer an uncommon advantage
when measuring load cells, strain gauges and other bridge–type transducers. And, finally, the true
economy of single power supply operation (NTE2051), enabling a high performance panel meter to
be built with the addition of only 7 passive components and a display.
Features:
D Guaranteed Zero Reading for 0 Volts Input on all Scales
D True Polarity at Zero for Precise Null Detection
D Input Current: 1pA Typ
D True Differential Input and Reference
D Direct Display Drive – No External Components Required:
NTE2050 (LED)
NTE2051 (LCD)
D Low Noise – Less than 15µVP–P
D On–Chip Clock and Reference
D Low Power Dissipation – Typically Less than 10mW
D No Additional Active Circuits Required


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn