Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS80C320-MCL Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS80C320-MCL
Description  High-Speed/Low-Power Microcontrollers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS80C320-MCL Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS80C320-MCL Datasheet HTML 1Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 2Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 3Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 4Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 5Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 6Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 7Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 8Page - Maxim Integrated Products DS80C320-MCL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
DS80C320/DS80C323 High-Speed/Low-Power Microcontrollers
2 of 40
DETAILED DESCRIPTION
The DS80C320/DS80C323 are fast 80C31/80C32-compatible microcontrollers. Wasted clock and
memory cycles have been removed using a redesigned processor core. As a result, every 8051 instruction
is executed between 1.5 and 3 times faster than the original for the same crystal speed. Typical
applications see a speed improvement of 2.5 times using the same code and same crystal. The DS80C320
offers a maximum crystal rate of 33MHz, resulting in apparent execution speeds of 82.5MHz
(approximately 2.5X).
The DS80C320/DS80C323 are pin compatible with all three packages of the standard 80C32 and offer
the same timer/counters, serial port, and I/O ports. In short, the devices are extremely familiar to 8051
users, but provide the speed of a 16-bit processor.
The DS80C320 provides several extras in addition to greater speed. These include a second full hardware
serial port, seven additional interrupts, programmable watchdog timer, power-fail interrupt and reset. The
device also provides dual data pointers (DPTRs) to speed block data memory moves. It can also adjust the
speed of off-chip data memory access to between two and nine machine cycles for flexibility in selecting
memory and peripherals.
The DS80C320 operating voltage ranges from 4.25V to 5.5V, making it ideal as a high-performance
upgrade to existing 5V systems. For applications in which power consumption is critical, the DS80C323
offers the same feature set as the DS80C320, but with 2.7V to 5.5V operation.
Designers must have two documents to fully use all the features of this device: this data sheet and the
High-Speed
Microcontroller
User’s
Guide,
available
on
our
website
at
www.maxim-ic.com/microcontrollers. Data sheets contain pin descriptions, feature overviews, and
electrical specifications, whereas our user’s guides contain detailed information about device features and
operation.
ORDERING INFORMATION
PART
TEMP RANGE
MAX CLOCK
SPEED (MHz)
PIN-PACKAGE
DS80C320-MCG
0°C to +70°C
25
40 Plastic DIP
DS80C320-QCG
0°C to +70°C
25
44 PLCC
DS80C320-ECG
0°C to +70°C
25
44 TQFP
DS80C320-MNG
-40°C to +85°C
25
40 Plastic DIP
DS80C320-QNG
-40°C to +85°C
25
44 PLCC
DS80C320-ENG
-40°C to +85°C
25
44 TQFP
DS80C320-MCL
0°C to +70°C
33
40 Plastic DIP
DS80C320-QCL
0°C to +70°C
33
44 PLCC
DS80C320-ECL
0°C to +70°C
33
44 TQFP
DS80C320-MNL
-40°C to +85°C
33
40 Plastic DIP
DS80C320-QNL
-40°C to +85°C
33
44 PLCC
DS80C320-ENL
-40°C to +85°C
33
44 TQFP
DS80C323-MCD
0°C to +70°C
18
40 Plastic DIP
DS80C323-QCD
0°C to +70°C
18
44 PLCC
DS80C323-ECD
0°C to +70°C
18
44 TQFP
DS80C323-MND
-40°C to +85°C
18
40 Plastic DIP
DS80C323-QND
-40°C to +85°C
18
44 PLCC
DS80C323-END
-40°C to +85°C
18
44 TQFP


Similar Part No. - DS80C320-MCL

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS80C320-MCL DALLAS-DS80C320-MCL Datasheet
1Mb / 42P
   High-Speed/Low-Power Micro
DS80C320-MCL DALLAS-DS80C320-MCL Datasheet
1Mb / 175P
   High-Speed Microcontroller User Guide
logo
Maxim Integrated Produc...
DS80C320-MCL MAXIM-DS80C320-MCL Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-MCL MAXIM-DS80C320-MCL Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-MCL++ MAXIM-DS80C320-MCL+ Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
More results

Similar Description - DS80C320-MCL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C320 MAXIM-DS80C320_06 Datasheet
905Kb / 40P
   High-Speed/Low-Power Microcontrollers
REV: 101006
DS80C320-QCG MAXIM-DS80C320-QCG Datasheet
700Kb / 38P
   High-Speed/Low-Power Microcontrollers
REV: 101006
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS89C430 DALLAS-DS89C430_07 Datasheet
310Kb / 46P
   Ultra-High-Speed Flash Microcontrollers
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS89C430 MAXIM-DS89C430 Datasheet
657Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
REV: 060805
logo
Texas Instruments
MSP430 TI1-MSP430 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com