Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-LX5050UWC3-TR Datasheet(PDF) 2 Page - LUMEX INC.

Part # SML-LX5050UWC3-TR
Description  5.0 X 5.0mm SML W/REFELECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX5050UWC3-TR Datasheet(HTML) 2 Page - LUMEX INC.

  SML-LX5050UWC3-TR_17 Datasheet HTML 1Page - LUMEX INC. SML-LX5050UWC3-TR_17 Datasheet HTML 2Page - LUMEX INC. SML-LX5050UWC3-TR_17 Datasheet HTML 3Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - SML-LX5050UWC3-TR_17

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX5050UWC3-TR LUMEX-SML-LX5050UWC3-TR Datasheet
176Kb / 3P
   5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
More results

Similar Description - SML-LX5050UWC3-TR_17

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX5050UWC1-TR LUMEX-SML-LX5050UWC1-TR Datasheet
176Kb / 3P
   5.0 X 5.0mm SML W/REFELECTOR
SML-LX5050UWC2-TR LUMEX-SML-LX5050UWC2-TR_17 Datasheet
176Kb / 3P
   5.0 X 5.0mm SML W/REFELECTOR
SML-LX5050SOC-TR LUMEX-SML-LX5050SOC-TR_17 Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050USBC-TR LUMEX-SML-LX5050USBC-TR_17 Datasheet
116Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050SIC-TR LUMEX-SML-LX5050SIC-TR_17 Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050SYC-TR LUMEX-SML-LX5050SYC-TR Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050UPGC-TR LUMEX-SML-LX5050UPGC-TR Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX5050SUGC-TR LUMEX-SML-LX5050SUGC-TR Datasheet
102Kb / 2P
   5.0mm X 5.0mm SML w Reflector
SML-LX2832SYC-TR LUMEX-SML-LX2832SYC-TR_17 Datasheet
144Kb / 1P
   2.8mm X 3.2mm SML w Reflector
SML-LX2832UWUWBIN LUMEX-SML-LX2832UWUWBIN Datasheet
234Kb / 3P
   2.8mm X 3.2mm SML w Reflector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com