Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC20815CV74-32.768 Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # CMC20815CV74-32.768
Description  Ultra Low Power 32.768KHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC20815CV74-32.768 Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  CMC20815CV74-32.768 Datasheet HTML 1Page - Raltron Electronics Corporation CMC20815CV74-32.768 Datasheet HTML 2Page - Raltron Electronics Corporation CMC20815CV74-32.768 Datasheet HTML 3Page - Raltron Electronics Corporation CMC20815CV74-32.768 Datasheet HTML 4Page - Raltron Electronics Corporation CMC20815CV74-32.768 Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ultra Low Power 32.768KHz
MEMS Oscillator
3 of 5
CMC208-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Note: 1. Oscillator output signal. When interfacing to an MCU’s XTAL, the CLK Out is typically connected to the
Receiving IC’s XIN pin. Oscillator includes an internal driver. The output swing and operation is not dependent on capacitive
loading.
2. Connect to supply voltage 1.5V≤Vs≤3.63V for operation over -40°C to +85°C temperature range. Under normal operation
Conditions, Vs does not require external bypass/ decoupling capacitor(s). Internal power supply filtering will reject more than
±150mV p-p with frequency components through 10MHz.
PIN
SYMBOL
FUNCTION
1
NC
No connect. This pin will not respond to any input signal. It can be
left floating
2
GND
Electrical Ground
3
OUTPUT
Output Signal 1
4
Vs
Supply Voltage 2
MECHANICAL DIMENSIONS AND PIN FUNCTIONING


Similar Part No. - CMC20815CV74-32.768

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CMC200J CDE-CMC200J Datasheet
177Kb / 1P
   Disc Ceramic Capacitors EIA Class 1 Temperature Compensating Capacitors
logo
Raltron Electronics Cor...
CMC201 RALTRON-CMC201 Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2018AU1E RALTRON-CMC2018AU1E Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2018AU1N RALTRON-CMC2018AU1N Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
CMC2018AU1S RALTRON-CMC2018AU1S Datasheet
719Kb / 6P
   MEMS Programmable Oscillator
More results

Similar Description - CMC20815CV74-32.768

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CMC159 RALTRON-CMC159 Datasheet
707Kb / 5P
   Ultra Low Power 32.768KHz MEMS TCXO
logo
Abracon Corporation
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
logo
EUROQUARTZ limited
CXOLHG EUROQUARTZ-CXOLHG Datasheet
128Kb / 1P
   Ultra-Low Power/Fast Start-Up/High Shock 32.768kHz
logo
Golledge Electronics Lt...
OM7604C7 GOLLEDGE-OM7604C7 Datasheet
577Kb / 5P
   Low Power 32.768kHz SM Oscillator
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
   32.768kHz Low Power Clock Oscillator
logo
Golledge Electronics Lt...
OM7605C8 GOLLEDGE-OM7605C8 Datasheet
578Kb / 5P
   Low Power 32.768kHz SM Oscillator
logo
Crystek Corporation
C15-SMD CRYSTEKCRYSTAL-C15-SMD Datasheet
110Kb / 1P
   32.768KHz Ultra-Miniature SMD
logo
Golledge Electronics Lt...
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
   Low Power 32.768kHz SM Oscillator
logo
Abracon Corporation
ASH7KW ABRACON-ASH7KW Datasheet
3Mb / 3P
   32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
02.10.13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com