Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9242 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE9242
Description  SMC Tee Adapter Jack-Plug-Jack
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9242 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE9242 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9242 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9242 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9242 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE9242 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SMC Tee Adapter Jack-Plug-Jack from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Tee Adapter Jack-Plug-Jack PE9242
URL:
https://www.pasternack.com/smc-jack-plug-jack-tee-adapter-pe9242-p.aspx
PE9242 REV 1.2
SMC Tee Adapter Jack-Plug-Jack
RF Adapters Technical Data Sheet
PE9242


Similar Part No. - PE9242

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
   Bulkhead SMB Jack to BNC Female Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
   Bulkhead SMB Plug to BNC Female Adapter
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
   SMB TEE, JACK-PLUG-JACK
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
   75 OHM SMC TEE, JACK-PLUG-JACK
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
   75 Ohm SMC Tee Adapter Jack-Plug-Jack
More results

Similar Description - PE9242

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9244 PASTERNACK-PE9244 Datasheet
236Kb / 3P
   75 Ohm SMC Tee Adapter Jack-Plug-Jack
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
   75 OHM SMC TEE, JACK-PLUG-JACK
PE9249 PASTERNACK-PE9249 Datasheet
235Kb / 2P
   SHV Tee Adapter Jack-Plug-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
   SMB Tee Adapter Plug-Jack-Jack
logo
List of Unclassifed Man...
THA101 ETC2-THA101 Datasheet
138Kb / 1P
   HN PLUG-JACK-JACK TEE ADAPTER
logo
Pasternack Enterprises,...
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
   BNC Twinax Tee Adapter Jack-Plug-Jack
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
   SMB Tee Adapter Jack-Jack-Jack
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
   BNC Twinax Tee Adapter Jack-Jack-Jack
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
   SMB TEE, JACK-PLUG-JACK
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
   SMC Jack to SMC Jack Bulkhead Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com