Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC15915CUA-32.768 Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # CMC15915CUA-32.768
Description  Ultra Low Power 32.768KHz MEMS TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC15915CUA-32.768 Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  CMC15915CUA-32.768 Datasheet HTML 1Page - Raltron Electronics Corporation CMC15915CUA-32.768 Datasheet HTML 2Page - Raltron Electronics Corporation CMC15915CUA-32.768 Datasheet HTML 3Page - Raltron Electronics Corporation CMC15915CUA-32.768 Datasheet HTML 4Page - Raltron Electronics Corporation CMC15915CUA-32.768 Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ultra Low Power 32.768KHz
MEMS TCXO
3 of 5
CMC159-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
Note: 1. Oscillator output signal. When interfacing to an MCU’s XTAL, the CLK Out is typically connected to the
Receiving IC’s XIN pin. Oscillator includes an internal driver. The output swing and operation is not dependent on capacitive
loading.
2. Connect to supply voltage 1.5V≤Vs≤3.63V for operation over -40°C to +85°C temperature range. Under normal operation
Conditions, Vs does not require external bypass/ decoupling capacitor(s). Internal power supply filtering will reject more than
±150mV p-p with frequency components through 10MHz.
BOTTOM VIEW
RECONMENDED LAND PATTERN
PIN
SYMBOL
FUNCTION
1
GND
Electrical Ground
2
OUTPUT
Output Signal 1
3
Vs
Supply Voltage 2
4
GND
Electrical Ground
MECHANICAL DIMENSIONS AND PIN FUNCTIONING


Similar Part No. - CMC15915CUA-32.768

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236 Datasheet
195Kb / 2P
   CHOKES
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
More results

Similar Description - CMC15915CUA-32.768

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ATXK-H11 ABRACON-ATXK-H11 Datasheet
540Kb / 5P
   32.768kHz TCXO
02-14-23
logo
Advanced Crystal Techno...
TCTK75-6 ACT-TCTK75-6 Datasheet
643Kb / 3P
   LOW POWER HCMOS 1/60Hz ~ 32.768kHz TCXO
16/10/2013
logo
Raltron Electronics Cor...
CMC208 RALTRON-CMC208 Datasheet
704Kb / 5P
   Ultra Low Power 32.768KHz
logo
Abracon Corporation
ATXK-H14 ABRACON-ATXK-H14 Datasheet
557Kb / 6P
   32.768kHz Miniature TCXO
06-13-22
logo
Jauch Quartz Gmbh
JSO15B1TR JAUCH-JSO15B1TR Datasheet
280Kb / 2P
   MEMS-TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0851CA6302 TAI-SAW-TX0851CA6302 Datasheet
115Kb / 7P
   SMD 2.1x1.3 32.768KHz TCXO
REV. NO.: 2
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com