Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

21U8E Datasheet(PDF) 3 Page - Raltron Electronics Corporation

Part # 21U8E
Description  MONOLITHIC CRYSTAL FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

21U8E Datasheet(HTML) 3 Page - Raltron Electronics Corporation

  21U8E Datasheet HTML 1Page - Raltron Electronics Corporation 21U8E Datasheet HTML 2Page - Raltron Electronics Corporation 21U8E Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
MONOLITHIC CRYSTAL FILTERS
MODEL
CENTER
FREQUENCY
MHz
PASS
BANDWIDTH
RIPPLE
INSERTION
LOSS
STOP
BANDWIDTH
TERMINATING
IMPEDANCE
CASE
STYLE
POLES
kHz MIN
dB dBm MAX
dB MAX
kHz MAX
dB
k // pF
45M15AF
45.00
±7.50
3
1
2
±25.0
15
0.65//4.5
A-5
2
45M15BF
45.00
±7.50
3
1
3
±25.0
30
0.65//1.5
A-5X2
4
45M20AF
45.00
±10.0
3
1
2
±34.0
15
0.70//2.5
A-5
2
45M20BF
45.00
±10.0
3
1
3
±48.0
40
0.70//1.5
A-5X2
4
45M30AF
45.00
±15.0
3
1
2
±50.0
15
0.80//1.5
A-5
2
45M30BF
45.00
±15.0
3
1
3
±60.0
40
0.80//1.0
A-5X2
4
45M15A
45.00
±7.50
3
0.5
2
±30.0
15
3.0//1.0
A-5
2
45M15B
45.00
±7.50
3
1
3
±25.0
25
4.0//1.0
A-5X2
4
45M20A
45.00
±10.0
3
1
2
±30.0
15
5.0//1.5
A-5
2
45M20B
45.00
±10.0
3
1.5
3
±40.0
35
5.0//1.5
A-5X2
4
55M12B
55.025
±6.0
3
1.5
4
±30.0
15
3.0//1.0
A-5X2
4
55M20B
55.025
±10.0
3
1.5
3
±25.0
25
5.0//1.0
A-5X2
4
58M15B
58.125
±7.5
3
2
6
±40.0
40
3.0//1.0
A-5X2
4
58M20B
58.125
±10.0
3
1.5
4.5
±50.0
25
5.0//1.0
A-5X2
4
70M15A
70.00
±7.50
3
1
2
±30.0
15
2.5//1.0
A-5
2
70M15B
70.00
±7.50
3
2
4
±40.0
40
2.5//1.0
A-5X2
4
70M20A
70.00
±10.0
3
1
2
±40.0
15
2.5//1.0
A-5
2
70M20B
70.00
±10.0
3
1.5
3
±50.0
35
2.5//1.0
A-5X2
4
80M30B
80
±15.0
3
1.5
±60.0
25
50 OHMS
MF-75
4
90M30B
90
±15.0
3
1.5
±60.0
25
50 OHMS
MF-75
4
100M30B
100
±15.0
3
1.5
±60.0
25
50 OHMS
MF-75
4
.014 DIA
0.35 DIA
.148
3.75
.074
1.88
.307
7.8
OUTLINE DRAWINGS
.709
.016
.060
1.5
11.6
18.0
0.4
.456
IN
OUT
SPECIFICATIONS
FUNDAMENTAL
THIRD OVERTONE
A-5
MF-75


Similar Description - 21U8E

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
   Monolithic Crystal Filters
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com