Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMC15915BU1-32.768 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CMC15915BU1-32.768
Description  Ultra Low Power 32.768KHz MEMS TCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CMC15915BU1-32.768 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CMC15915BU1-32.768 Datasheet HTML 1Page - Raltron Electronics Corporation CMC15915BU1-32.768 Datasheet HTML 2Page - Raltron Electronics Corporation CMC15915BU1-32.768 Datasheet HTML 3Page - Raltron Electronics Corporation CMC15915BU1-32.768 Datasheet HTML 4Page - Raltron Electronics Corporation CMC15915BU1-32.768 Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low Power 32.768KHz
MEMS TCXO
Page 1 of 5
CMC159-SERIES
R A L T R O N E L E C T R O N I C S
 1 0 4 0 0 N .W . 3 3 rd S t  M i a m i , F l o r i d a 3 3 1 7 2  U . S . A .
phone: +1-305-593-6033  fax: +1-305-594-3973  e-mail: sales@raltron.com  internet: http://www.raltron.com
■ Ultra Low power: < 1A
■ Fixed 32.768 kHz
■ No Supply Voltage external bypass capacitors required
■ Frequency Stability over Temperature as low as ±5ppm
■ Small SMD package 1.5 x 0.8 mm
PARAMETER
SYMBOL
CONDITION
VALUE
UNIT
Min.
Typ.
Max.
Frequency nominal
f0
32.768
kHz
Supply Voltage
Vs
Ta = -40°C to +85°C
1.5
3.63
V
Core Supply Current
Is
Vs = 1.8V, no load condition,
LVCMOS, Ta = 25°C
Vs = 3.63V max, Ta = -10°C to +70°C
no load condition
Vs = 1.5V to 3.63V, Ta = -40°C to
+85°C, no load condition
Is does not include output stage
current or load.
0.99
1.52
A
A
Operating Temperature
Ta
Commercial
Industrial
0
-40
+70
+85
C
°C
Frequency Stability vs. Temperature
( without initial offset )
Δf/T
a
Initial offset is defined as the frequency
deviation from the nominal value at
room temperature after reflow
-5
-10
-20
+5
+10
+20
ppm
ppm
ppm
Frequency Stability vs. Temperature
( with initial offset )
Δf/T
a
Initial offset is defined as the frequency
deviation from the nominal value at
room temperature after reflow
-10
-13
-22
+10
+13
+22
ppm
ppm
ppm
Frequency stability vs. Supply Voltage
Δf/Vs
Vs= 1.8V±10%
Vs= 1.5V ~ 3.63V
-0.75
-1.5
+0.75
+1.5
ppm
ppm
Power supply Ramp
Ta = -40°C to +85°C, 0 to 90% Vs
100
ms
Start-up Time
T START
Ta = -
40°C ≤ Ta ≤ +60°C, valid output
Ta = +6
0°C ≤ Ta ≤ +70°C, valid output
Ta
= +70°C ≤ Ta ≤ +85°C, valid output
180
300
350
380
ms
ms
ms
Long Term Frequency Stability
Δf/T
Ta=25°C, Vs=3.3V
-1.0
+1.0
ppm
Period Jitter RMS
Cycles = 10,000,Ta=25°C,
Vs= 1.5V ~ 3.63V
35
ns
Long Term Jitter
81920 cycles ( 2.5 sec ), 100 samples
2.5
s p-p
ELECTRICAL SPECIFICATIONS


Similar Part No. - CMC15915BU1-32.768

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236 Datasheet
195Kb / 2P
   CHOKES
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
More results

Similar Description - CMC15915BU1-32.768

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
ATXK-H11 ABRACON-ATXK-H11 Datasheet
540Kb / 5P
   32.768kHz TCXO
02-14-23
logo
Advanced Crystal Techno...
TCTK75-6 ACT-TCTK75-6 Datasheet
643Kb / 3P
   LOW POWER HCMOS 1/60Hz ~ 32.768kHz TCXO
16/10/2013
logo
Raltron Electronics Cor...
CMC208 RALTRON-CMC208 Datasheet
704Kb / 5P
   Ultra Low Power 32.768KHz
logo
Abracon Corporation
ATXK-H14 ABRACON-ATXK-H14 Datasheet
557Kb / 6P
   32.768kHz Miniature TCXO
06-13-22
logo
Jauch Quartz Gmbh
JSO15B1TR JAUCH-JSO15B1TR Datasheet
280Kb / 2P
   MEMS-TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0851CA6302 TAI-SAW-TX0851CA6302 Datasheet
115Kb / 7P
   SMD 2.1x1.3 32.768KHz TCXO
REV. NO.: 2
logo
Microchip Technology
DSC60XXB MICROCHIP-DSC60XXB Datasheet
335Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
08/15/18
DSC60XX MICROCHIP-DSC60XX Datasheet
308Kb / 26P
   Ultra-Small, Ultra-Low Power MEMS Oscillator
06/23/16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com