Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMI24-24 Datasheet(PDF) 1 Page - CUI INC

Part # SMI24-24
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SMI24-24 Datasheet(HTML) 1 Page - CUI INC

  SMI24-24 Datasheet HTML 1Page - CUI INC SMI24-24 Datasheet HTML 2Page - CUI INC SMI24-24 Datasheet HTML 3Page - CUI INC SMI24-24 Datasheet HTML 4Page - CUI INC SMI24-24 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 09/15/2016
page 1 of 5
SERIES: SMI24
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level2
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
SMI24-5
5
4
20
100
VI
SMI24-9
9
2.5
22.5
100
VI
SMI24-12
12
2
24
120
VI
SMI24-15
15
1.6
24
150
VI
SMI24-24
24
1
24
240
VI
SMI24-48
48
0.5
24
480
VI
Notes:
1.Atfullload,nominalinput,20MHzbandwidthoscilloscope,eachoutputterminatedwith0.1μFmultilayerceramicand10μFlowESRelectrolyticcapacitors.
2. CoC Tier 2 compliant
FEATURES
• up to 24 W continuous power
•DoELevelVI,CoCTier2efficiency
• no load power consumption < 0.075 W
•universalinputvoltagerange
•interchangeableAcbladesforglobaluse
•overvoltage,overcurrent,andshortcircuitprotections
•UL/cUL,RCM,CCC,andPSEsafetyapprovals
PART NUMBER KEY
Base Number
ReservedforCustom
Configurations
SMI24 - XX - X - XXX - CXX
DCPlugType:
XXX=Seeoutputplugoptions
onpage4formoredetails
ST = Stripped and Tinned
OutputVoltage
Blades:
V=NorthAmerica,Europe,UnitedKingdom,
Australia, and China blade included
N = North America blade included
E=Europebladeincluded
B=UnitedKingdombladeincluded
A = Australia blade included
C = China blade included
K=Nobladesincluded
For more information, please visit the product page
|
For information on related products, view Dc Power Jacks


Similar Part No. - SMI24-24

ManufacturerPart #DatasheetDescription
logo
CUI INC
SMI24-24 CUI-SMI24-24 Datasheet
538Kb / 5P
   AC-DC POWER SUPPLY
SMI24-24 CUI-SMI24-24 Datasheet
550Kb / 5P
   AC-DC POWER SUPPLY
09/16/2021
More results

Similar Description - SMI24-24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com