Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDU4300 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TFDU4300
Description  Infrared Transceiver Module (SIR, 115.2 kbit/s)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4300 Datasheet(HTML) 1 Page - Vishay Siliconix

  TFDU4300 Datasheet HTML 1Page - Vishay Siliconix TFDU4300 Datasheet HTML 2Page - Vishay Siliconix TFDU4300 Datasheet HTML 3Page - Vishay Siliconix TFDU4300 Datasheet HTML 4Page - Vishay Siliconix TFDU4300 Datasheet HTML 5Page - Vishay Siliconix TFDU4300 Datasheet HTML 6Page - Vishay Siliconix TFDU4300 Datasheet HTML 7Page - Vishay Siliconix TFDU4300 Datasheet HTML 8Page - Vishay Siliconix TFDU4300 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
VISHAY
TFDU4300
Document Number 82614
Rev. 1.4, 26-Jan-04
Vishay Semiconductors
www.vishay.com
1
18065
Infrared Transceiver Module (SIR, 115.2 kbit/s)
for IrDA® applications
Description
The TFDU4300 is a low profile (2.5 mm) infrared
transceiver module with independent logic reference
voltage (Vlogic) for low voltage IO interfacing. It is
compliant to the latest IrDA physical layer standard for
fast infrared data communication, supporting IrDA
speeds up to 115.2 kbit/s (SIR) and carrier based
remote control. The transceiver module consists of a
PIN photodiode, an infrared emitter (IRED), and a
low-power control IC to provide a total front-end solu-
tion in a single package. This device covers an
extended IrDA low power range of close to 1 m. With
an external current control resistor the current can be
adjusted for shorter ranges.
This Vishay SIR transceiver is built in a new smaller
package using the experiences of the lead frame
BabyFace technology.
The Rxd output pulse width is independent of the opti-
cal input pulse width and stays always at a fixed pulse
width thus making the device optimum for standard
Endecs. TFDU4300 has a tri-state output and is float-
ing in shut-down mode with a weak pull-up.
Features
• Compliant to the latest IrDA physical layer
specification (9.6 kbit/s to 115.2 kbit/s) and TV
Remote Control, bi-directional operation included.
• Operates from 2.4 V to 5.5 V within specification
over full temperature range from - 30 °C to + 85 °C
• Logic voltage 1.5 V to 5.5 V is independent of
IRED driver and analog supply voltage
• Split power supply, transmitter and receiver can be
operated from two power supplies with relaxed
requirements saving costs, US Patent No.
6,157,476
• Extended IrDA Low Power Range to about 70 cm
• Typical Remote Control Range 12 m
• Low Power Consumption
(< 0.12 mA Supply Current)
• Power Shutdown Mode (< 5
µA Shutdown Current
in Full Temperature Range, up to 85 °C)
• Surface Mount Package, low profile (2.5 mm)
- (L 8.5 mm × H 2.5 mm × W 2.9 mm)
• High Efficiency Emitter
• Low Profile (Universal) Package Capable of
Surface Mount Soldering to Side and Top View
Orientation
• Directly Interfaces with Various Super I/O and
Controller Devices as e.g. TOIM4232
• Tri-state-Receiver Output, floating in shut down
with a weak pull-up
• Compliant with IrDA Background Light
Specification
• EMI Immunity in GSM Bands > 300 V/m verified
Applications
• Ideal for Battery Operated Applications
• Telecommunication Products
(Cellular Phones, Pagers)
• Digital Still and Video Cameras
• Printers, Fax Machines, Photocopiers, Screen
• Projectors
• Medical and Industrial Data Collection
• Diagnostic Systems
• Notebook Computers, Desktop PCs,
Palmtop Computers (Win CE, Palm PC), PDAs
• Internet TV Boxes, Video Conferencing Systems
• External Infrared Adapters (Dongles)
• Data Loggers
• GPS
• Kiosks, POS, Point and Pay Devices including
IrFM - Applications


Similar Part No. - TFDU4300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4301 VISHAY-TFDU4301 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFDU4301-TR1 VISHAY-TFDU4301-TR1 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
More results

Similar Description - TFDU4300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFDU4301-TT1 VISHAY-TFDU4301-TT1 Datasheet
207Kb / 12P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA짰 Applications
Rev. 1.0, 22-Apr-10
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com