Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE71S6248 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part No. PE71S6248
Description  PIN Diode Switches Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6248 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE71S6248 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
PIN Diode Switches Technical Data Sheet
PE71S6248
Absorptive SP3T PIN Diode Switch Operating From 1 GHz
to 18 GHz Up to +20 dBm and Field Replaceable SMA
PE71S6248 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Absorptive SP3T PIN Diode Switch Operating From 1 GHz to 18 GHz Up to +20 dBm and Field
Replaceable SMA PE71S6248
URL: http://www.pasternack.com/absorptive-sp3t-pin-diode-switch-18-ghz-20-dbm-sma-pe71s6248-p.aspx


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn