Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE71S6248 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part No. PE71S6248
Description  PIN Diode Switches Technical Data Sheet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6248 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE71S6248 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S6248 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
PIN Diode Switches Technical Data Sheet
PE71S6248
Absorptive SP3T PIN Diode Switch Operating From 1 GHz
to 18 GHz Up to +20 dBm and Field Replaceable SMA
(J1
– J4) Insertion Loss and Return Loss
(J1
– J4) Isolation and Return Loss
Absorptive SP3T PIN Diode Switch Operating From 1 GHz to 18 GHz Up to +20 dBm and Field Replaceable SMA from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
PE71S6248 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Absorptive SP3T PIN Diode Switch Operating From 1 GHz to 18 GHz Up to +20 dBm and
Field Replaceable SMA PE71S6248


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn