Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC74LCX273FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC74LCX273FT
Description  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74LCX273FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC74LCX273F/FW/FT
2002-01-11
3
Maximum Ratings
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
-0.5 to 7.0
V
DC input voltage
VIN
-0.5 to 7.0
V
-0.5 to 7.0 (Note 1)
DC output voltage
VOUT
-0.5 to VCC + 0.5
(Note 2)
V
Input diode current
IIK
-50
mA
Output diode current
IOK
±50
(Note 3)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
-65 to 150
°C
Note 1: VCC = 0 V
Note 2: High or low state. IOUT absolute maximum rating must be observed.
Note 3: VOUT < GND, VOUT > VCC
Recommended Operating Conditions
Characteristics
Symbol
Rating
Unit
2.0 to 3.6
Power supply voltage
VCC
-1.5 to 3.6 (Note 4)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 5)
Output voltage
VOUT
0 to VCC (Note 6)
V
±24
(Note 7)
Output current
IOH/IOL
±12
(Note 8)
mA
Operating temperature
Topr
-40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 9)
ns/V
Note 4: Data retention only
Note 5: VCC = 0 V
Note 6: High or low state
Note 7: VCC = 3.0 to 3.6 V
Note 8: VCC = 2.7 to 3.0 V
Note 9: VIN = 0.8 to 2.0 V, VCC = 3.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn