Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TC74LCX273FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC74LCX273FT
Description  Low-Voltage Octal D-Type Flip-Flop with Clear with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74LCX273FT Datasheet(HTML) 6 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC74LCX273F/FW/FT
2002-01-11
6
AC Test Circuit
AC Waveform
Figure 2
tpLH, tpHL, tw, ts, th
90%
1.5 V
10%
tr 2.5 ns
1.5 V
tf 2.5 ns
2.7 V
GND
90%
1.5 V
10%
ts (H)
th (H)
th (L)
ts (L)
tw (H)
tw (L)
Input
(CK)
2.7 V
GND
Input
(D)
tf 2.5 ns
tr 2.5 ns
Output
(Q)
VOH
VOL
tpLH
tpHL
Output
Measure
CL = 50 pF
RL = 500 W
Figure 1
Figure 3
tpHL
Figure 4
trem
tw (L)
90%
10%
Input
( CLR )
GND
VIH
tr 2.5 ns
Output
(CK)
trem
GND
90%
10%
VIH
Input
( CLR )
Output
(Q)
VIH
GND
VOH
1.5 V
VOL
tpHL
1.5 V
1.5 V
tr 2.5 ns


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn