Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD2S1210BSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S1210BSTZ
Description  Variable Resolution, 10-Bit to 16-Bit R/D Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1210BSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD2S1210BSTZ Datasheet HTML 1Page - Analog Devices AD2S1210BSTZ Datasheet HTML 2Page - Analog Devices AD2S1210BSTZ Datasheet HTML 3Page - Analog Devices AD2S1210BSTZ Datasheet HTML 4Page - Analog Devices AD2S1210BSTZ Datasheet HTML 5Page - Analog Devices AD2S1210BSTZ Datasheet HTML 6Page - Analog Devices AD2S1210BSTZ Datasheet HTML 7Page - Analog Devices AD2S1210BSTZ Datasheet HTML 8Page - Analog Devices AD2S1210BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
AD2S1210
Rev. A | Page 3 of 36
SPECIFICATIONS
AVDD = DVDD = 5.0 V ± 5%, CLKIN = 8.192 MHz ± 25%, EXC, EXC frequency = 10 kHz to 20 kHz (10-bit); 6 kHz to 20 kHz (12-bit);
3 kHz to 12 kHz (14-bit); 2 kHz to 10 kHz (16-bit); TA = TMIN to TMAX; unless otherwise noted.1
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions/Comments
SINE, COSINE INPUTS2
Voltage Amplitude
2.3
3.15
4.0
V p-p
Sinusoidal waveforms, differential SIN to SINLO,
COS to COSLO
Input Bias Current
8.25
μA
VIN = 4.0 V p-p, CLKIN = 8.192 MHz
Input Impedance
485
VIN = 4.0 V p-p, CLKIN = 8.192 MHz
Phase Lock Range
−44
+44
Degrees
Sine/cosine vs. EXC output, Control Register D3 = 0
Common-Mode Rejection
±20
arc sec/V
10 Hz to 1 MHz, Control Register D4 = 0
ANGULAR ACCURACY3
Angular Accuracy
±2.5 + 1 LSB
±5 + 1 LSB
arc min
B, D grades
±5 + 1 LSB
±10 + 1 LSB
arc min
A, C grades
Resolution
10, 12, 14, 16
Bits
No missing codes
Linearity INL
10-bit
±1
LSB
B, D grades
±2
LSB
A, C grades
12-bit
±2
LSB
B, D grades
±4
LSB
A, C grades
14-bit
±4
LSB
B, D grades
±8
LSB
A, C grades
16-bit
±16
LSB
B, D grades
±32
LSB
A, C grades
Linearity DNL
±0.9
LSB
Repeatability
±1
LSB
VELOCITY OUTPUT
Velocity Accuracy4
10-bit
±2
LSB
B, D grades, zero acceleration
±4
LSB
A, C grades, zero acceleration
12-bit
±2
LSB
B, D grades, zero acceleration
±4
LSB
A, C grades, zero acceleration
14-bit
±4
LSB
B, D grades, zero acceleration
±8
LSB
A, C grades, zero acceleration
16-bit
±16
LSB
B, D grades, zero acceleration
±32
LSB
A, C grades, zero acceleration
Resolution5
9, 11, 13, 15
Bits
DYNAMNIC PERFORMANCE
Bandwidth
10-bit
2000
6500
Hz
2900
5300
Hz
CLKIN = 8.192 MHz
12-bit
900
2800
Hz
1200
2200
Hz
CLKIN = 8.192 MHz
14-bit
400
1500
Hz
600
1200
Hz
CLKIN = 8.192 MHz
16-bit
100
350
Hz
125
275
Hz
CLKIN = 8.192 MHz


Similar Part No. - AD2S1210BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1210BSTZ AD-AD2S1210BSTZ Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
More results

Similar Description - AD2S1210BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Texas Instruments
DAC56U TI1-DAC56U Datasheet
124Kb / 6P
[Old version datasheet]   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1600 BURR-BROWN-DAC1600 Datasheet
250Kb / 6P
   MONOLITHIC 16 BIT RESOLUTION DIGITAL - TO - ANALOG CONVERTER
DAC56 BURR-BROWN-DAC56 Datasheet
165Kb / 5P
   Monolithic 16-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC39J82 TI1-DAC39J82 Datasheet
2Mb / 144P
[Old version datasheet]   Resolution: 16-Bit
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Texas Instruments
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com