Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-LX2835IYC-TR Datasheet(PDF) 2 Page - LUMEX INC.

Part # SML-LX2835IYC-TR
Description  2.7mm X 3.2mm SFC MNT w Reflector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX2835IYC-TR Datasheet(HTML) 2 Page - LUMEX INC.

  SML-LX2835IYC-TR_17 Datasheet HTML 1Page - LUMEX INC. SML-LX2835IYC-TR_17 Datasheet HTML 2Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SML-LX2835IYC-TR_17

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX2835IYC-TR LUMEX-SML-LX2835IYC-TR Datasheet
171Kb / 2P
   2.7mm x 3.2 mm SML /W REFLECTOR CUP, DUAL CHIP, 635nm/585nm LED
More results

Similar Description - SML-LX2835IYC-TR_17

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX2835SISUGCTR LUMEX-SML-LX2835SISUGCTR_17 Datasheet
113Kb / 2P
   2.7mm X 3.2mm SFC MNT w Reflector
SML-LX2835GYC-TR LUMEX-SML-LX2835GYC-TR_17 Datasheet
168Kb / 2P
   2.7mm X 3.2mm SFC MNT w Reflector
SML-LX2835IGC-TR LUMEX-SML-LX2835IGC-TR_17 Datasheet
109Kb / 2P
   2.7mm X 3.2mm SFC MNT w Reflector
SML-LX2835SISUGUBC LUMEX-SML-LX2835SISUGUBC Datasheet
105Kb / 2P
   2.7mm X 3.2mm SFC MNT w Reflector
SML-LX2835GYC-TR LUMEX-SML-LX2835GYC-TR Datasheet
168Kb / 2P
   2.7mm x 3.2mm SFC MNT W/REFLECTOR CUP, DUAL CHIP, 570nm GREEN, 585nm YELLOW
SML-LX2835SYSUGCTR LUMEX-SML-LX2835SYSUGCTR_17 Datasheet
158Kb / 2P
   2.8mm X 3.3mm SFC MNT w Reflector
SML-LX2835SUGSICTR LUMEX-SML-LX2835SUGSICTR_17 Datasheet
126Kb / 2P
   2.7mm X 3.2mm SML w Reflector
SML-LX2835SISYC-TR LUMEX-SML-LX2835SISYC-TR_17 Datasheet
171Kb / 2P
   2.7mm X 3.2mm SML w Reflector
SML-LX2832PGC-A-TR LUMEX-SML-LX2832PGC-A-TR Datasheet
100Kb / 2P
   2.7MM X 3.4MM SML W REFLECTOR
SML-LX2835SYSUGCTR LUMEX-SML-LX2835SYSUGCTR Datasheet
158Kb / 2P
   2.8mm x 3.3mm SFC MNT W/REFLECTOR CUP, DUAL CHIP, 591nm YELLOW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com